Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 20Page - Analog Devices ADF4158 Datasheet HTML 21Page - Analog Devices ADF4158 Datasheet HTML 22Page - Analog Devices ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
ADF4158
Rev. 0 | Page 24 of 36
APPLICATIONS INFORMATION
INITIALIZATION SEQUENCE
After powering up the part, administer the following
programming sequence:
1.
Delay register (R7)
2.
Step register (R6)—load the step register (R6) twice, first
with STEP SEL = 0 and then with STEP SEL = 1
3.
Deviation register (R5)—load the deviation register (R5)
twice, first with DEV SEL = 0 and then with DEV SEL = 1
4.
Test register (R4)
5.
Function register (R3)
6.
R-divider register (R2)
7.
LSB FRAC register (R1)
8.
FRAC/INT register (R0)
RF SYNTHESIZER: A WORKED EXAMPLE
The following equation governs how the synthesizer should be
programmed:
RFOUT = [N + (FRAC/225)] × [fPFD]
(4)
where:
RFOUT is the RF frequency output.
N is the integer division factor.
FRAC is the fractionality.
fPFD = REFIN × [(1 + D)/(R × (1 + T))]
(5)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
R is the RF reference division factor.
T is the reference divide-by-2 bit (0 or 1).
For example, in a system where a 5.8002 GHz RF frequency
output (RFOUT) is required and a 10 MHz reference frequency
input (REFIN) is available, the frequency resolution is
fRES = REFIN/225
(6)
fRES = 10 MHz/225
= 0.298 Hz
From Equation 5,
fPFD = [10 MHz × (1 + 0)/1] = 10 MHz
5.8002 GHz = 10 MHz × (N + FRAC/225)
Calculating N and FRAC values,
N = int(RFOUT/fPFD) = 580
FRAC = FMSB × 213 + FLSB
FMSB = int(((RFOUT/fPFD) − N) × 212) = 81
FLSB = int(((((RFOUT/fPFD) − N) × 212) − FMSB) × 213) = 7537
where:
FMSB is the 12-bit MSB FRAC value in Register R0.
FLSB is the 13-bit LSB FRAC value in Register R1.
int() makes an integer of the argument in parentheses.
REFERENCE DOUBLER AND REFERENCE DIVIDER
The reference doubler on chip allows the input reference signal
to be doubled. This is useful for increasing the PFD comparison
frequency. Making the PFD frequency higher improves the noise
performance of the system. Doubling the PFD frequency
usually improves noise performance by 3 dB.
It is important to note that the PFD cannot be operated above
32 MHz due to a limitation in the speed of the Σ-Δ circuit of the
N-divider.
CYCLE SLIP REDUCTION FOR FASTER LOCK TIMES
In fast-locking applications, a wide loop filter bandwidth is
required for fast frequency acquisition, resulting in increased
integrated phase noise and reduced spur attenuation. Using
cycle slip reduction, the loop bandwidth can be kept narrow
to reduce integrated phase noise and attenuate spurs while
still realizing fast lock times.
Cycle Slips
Cycle slips occur in integer-N/fractional-N synthesizers when
the loop bandwidth is narrow compared with the PFD frequency.
The phase error at the PFD inputs accumulates too fast for the PLL
to correct, and the charge pump temporarily pumps in the wrong
direction, slowing down the lock time dramatically. The ADF4158
contains a cycle slip reduction circuit to extend the linear range
of the PFD, allowing faster lock times without loop filter changes.
When the ADF4158 detects that a cycle slip is about to occur, it
turns on an extra charge pump current cell. This outputs a constant
current to the loop filter or removes a constant current from the
loop filter (depending on whether the VCO tuning voltage needs
to increase or decrease to acquire the new frequency). The effect is
that the linear range of the PFD is increased. Stability is main-
tained because the current is constant and is not a pulsed current.
If the phase error increases again to a point where another cycle
slip is likely, the ADF4158 turns on another charge pump cell.
This continues until the ADF4158 detects that the VCO fre-
quency has gone past the desired frequency. It then begins to
turn off the extra charge pump cells one by one until they are
all turned off and the frequency is settled.
Up to seven extra charge pump cells can be turned on. In most
applications, it is enough to eliminate cycle slips altogether,
giving much faster lock times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com