Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 27 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 23Page - Analog Devices ADF4158 Datasheet HTML 24Page - Analog Devices ADF4158 Datasheet HTML 25Page - Analog Devices ADF4158 Datasheet HTML 26Page - Analog Devices ADF4158 Datasheet HTML 27Page - Analog Devices ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices ADF4158 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
ADF4158
Rev. 0 | Page 27 of 36
To calculate the DEV word, use Equation 12.
DEV = fDEV/(fRES × 2DEV_OFFSET)
(15)
52
.
971
,
20
2
2
MHz
25
z
kH
250
4
25
=
×
=
DEV
Rounding this to 20,972 and recalculating using Equation 9
to get the actual deviation frequency, fDEV, thus produces the
following:
fDEV = (25 MHz/225) × (20,972 × 24) = 249.986 kHz
The number of fDEV steps required to cover the 50 MHz range
is 50 MHz/249.986 kHz = 200. To cover the 50 MHz range in
2 ms, the ADF4158 must hop every 2 ms/200 = 10 μs.
Rearrange Equation 10 to set the timer value (and fix CLK2 to 1):
CLK1 = Timer × fPFD/CLK2 = 10 μs × 25 MHz /1 = 250
To summarize the settings: DEV = 20,972, number of steps =
200, CLK1 = 250, CLK2 = 1. Using these settings, program the
ADF4158 to a center frequency of 5800 MHz, and enable the
sawtooth ramp to produce the required waveform. If a triangu-
lar ramp was used with the same settings, the ADF4158 would
sweep from 5800 MHz to 5850 MHz and back down again. The
entire sweep would take 4 ms.
Activating the Ramp
After setting all of the previous parameters, the ramp must be
activated. It is achieved by choosing the desired type of ramp
(DB[11:10] in Register R3) and starting the ramp (DB31 = 1
in Register R0).
ADDITIONAL FEATURES
Two Ramp Rates
This feature allows for two ramps with different step and devia-
tion settings. It also allows the ramp rate to be reprogrammed
while another ramp is running.
Example
For example, if
•
PLL is locked to 5790 MHz.
•
Ramp 1 jumps 100 steps, each of which lasts 10 μs and has
a frequency deviation of 100 kHz.
•
Ramp 2 jumps 80 steps, each of which lasts 10 μs and has a
frequency deviation of 125 kHz.
Then,
1.
DB24 in Register R5 should be set to 1, which activates
Ramp 2 rates mode.
2.
Program Ramp 1 and Ramp 2 as follows to get two ramp
rates:
Ramp 1: Register R5 DB[18:3] = 16,777, DB[22:19] = 3
with DB23 = 0; Register R6 DB[22:3] = 100, DB23 = 0.
Ramp 2: Register R5 DB[18:3] = 20,972, DB[22:19] = 3
with DB23 = 1; Register R6 DB[22:3] = 80, DB23 = 1.
The resulting ramp with two various rates is shown in
Figure 35. Eventually, the ramp must be activated as
described in Activating the Ramp section.
TIME
SWEEP RATE SET BY OTHER REGISTER
SWEEP RATE SET BY ONE REGISTER
Figure 35. Dual Sweep Rate
Ramp Mode with FSK Signal on Ramp
In traditional approaches a FMCW radars used either linear
frequency modulation (LFM) or FSK modulation. These
modulations used separately introduce ambiguity between
measured distance and velocity, especially in multitarget
situations. To overcome this issue and enable unambiguous
(range − velocity) multitarget detection, use a ramp with
FSK on it.
Example
For example, if
•
PLL is locked to 5790 MHz.
•
There are 100 steps each of which lasts 10 μs and has a
deviation of 100 kHz.
•
The FSK signal is 25 kHz.
Then,
1.
Program the ramp as described in the FMCW Radar Ramp
Settings Worked Example section. While doing that DB23
in Register R5 and DB23 in Register R6 should be set to 0.
2.
Set the bits in Register R5 as follows to program FSK on
ramp to 25 kHz:
DB[18:3] = 4194 (deviation word), DB[22:19] = 3
(deviation offset), DB23 = 1 (deviation select for FSK on
ramp), and DB25 = 1 (ramp with FSK enabled).
An example of ramp with FSK on the top of it is shown in
Figure 36. Eventually, the ramp must be activated as described
in Activating the Ramp section.
TIME
0
RAMP END
FSK
SHIFT
LFM
STEP = FREQUENCY
SWEEP/(N – 1)
Figure 36. Combined FSK and LFM Waveform (N Corresponds to the Number
of LFM Steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com