Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4158 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4158
Description  Direct Modulation/Waveform Generating, 6.1 GHz Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4158 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4158 Datasheet HTML 28Page - Analog Devices ADF4158 Datasheet HTML 29Page - Analog Devices ADF4158 Datasheet HTML 30Page - Analog Devices ADF4158 Datasheet HTML 31Page - Analog Devices ADF4158 Datasheet HTML 32Page - Analog Devices ADF4158 Datasheet HTML 33Page - Analog Devices ADF4158 Datasheet HTML 34Page - Analog Devices ADF4158 Datasheet HTML 35Page - Analog Devices ADF4158 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ADF4158
Rev. 0 | Page 32 of 36
APPLICATION OF ADF4158 IN FMCW RADAR
The application of ADF4158 in FMCW radar is shown in
Figure 45.
LINEAR
FREQUENCY
SWEEP
NO DDS REQUIRED
WITH ADF4158
REFERENCE
OSCILLATOR
26MHz
VCO
ADF4158
PLL
×5
MULTIPLY
×15
×3
PA
Tx
ANTENNA
Rx
ANTENNAS
76.5GHz
TO
77.0GHz
5.1GHz
TO
5.1333GHz
MICRO-
CONTROLLER
16B
10B
TO
12B
BUS
CAN/FLEXRAY
RANGE
COMPENSATION
BASEBAND
MIXER
DSP
ADSP-BF531
AD9288
AD9235
MUX
ADC
HPF
Figure 45. FMCW Radar with ADF4158
The ADF4158 in FMCW radar is used for generating ramps
(sawtooth or triangle) that are necessary for this type of radar
to operate. Traditionally, the PLL was driven directly by a direct
digital synthesizer (DDS) to generate the required type of wave-
form. Due to the implemented waveform generating mechanism
on the ADF4158, a DDS is no longer needed, which reduces cost.
In addition, the PLL solution has advantages over another
method (the DAC driving the VCO directly) for generating
FMCW ramps, which suffered from VCO tuning characteristics
nonlinearities requiring compensation. The PLL method
gives highly linear ramps without the need for calibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com