Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 164 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 164 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 160Page - Texas Instruments TMS320DM647 Datasheet HTML 161Page - Texas Instruments TMS320DM647 Datasheet HTML 162Page - Texas Instruments TMS320DM647 Datasheet HTML 163Page - Texas Instruments TMS320DM647 Datasheet HTML 164Page - Texas Instruments TMS320DM647 Datasheet HTML 165Page - Texas Instruments TMS320DM647 Datasheet HTML 166Page - Texas Instruments TMS320DM647 Datasheet HTML 167Page - Texas Instruments TMS320DM647 Datasheet HTML 168Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
Table 6-81. Ethernet Subsystem Timing Requirements (continued)
PARAMETER(1)
MIN
NOM
MAX
UNITS
t02
REFCLKP/N duty cycle
40
60
%
t03
REFCLKP/N rise/fall
700
ps
t04
PLL Clock Period, x n Mode
t01 / n
ns
t05
PLL power up
1 + 200 * C
ms
REFCLKP/N Jitter and PLL Loop Bandwidth
Jitter on the reference clock will degrade both the transmit eye and receiver jitter tolerance thereby
impairing system performance. A good quality, low jitter reference clock is necessary to achieve
compliance with most if not all physical layer standards (see Table 6-82).
Table 6-82. REFCLKP/N Jitter Requirements for Standards Compliance
Standard
Line Rate (Gbps)
Total REFCLKP/N Jitter (within PLL bandwidth)
Gigabit Ethernet
1.25
50 ps pk-pk
164
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com