Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320DM647 Datasheet(PDF) 168 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM647
Description  Digital Media Processor
PDF  181 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM647 Datasheet(HTML) 168 Page - Texas Instruments

Back Button TMS320DM647 Datasheet HTML 164Page - Texas Instruments TMS320DM647 Datasheet HTML 165Page - Texas Instruments TMS320DM647 Datasheet HTML 166Page - Texas Instruments TMS320DM647 Datasheet HTML 167Page - Texas Instruments TMS320DM647 Datasheet HTML 168Page - Texas Instruments TMS320DM647 Datasheet HTML 169Page - Texas Instruments TMS320DM647 Datasheet HTML 170Page - Texas Instruments TMS320DM647 Datasheet HTML 171Page - Texas Instruments TMS320DM647 Datasheet HTML 172Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 181 page
background image
TMS320DM647
TMS320DM648
SPRS372F – JANUARY 2010 – REVISED SEPTEMBER 2009
www.ti.com
6.22 VLYNQ Peripheral
6.22.1 VLYNQ Device-Specific Information
The VLYNQ peripheral conforms to the VLYNQ Module Specification (revision 2.x). By default, the VLYNQ
peripheral is initialized with a device ID of 0x22.
6.22.2 VLYNQ Peripheral Register Descriptions
Table 6-90. VLYNQ Registers
HEX ADDRESS RANGE
ACRONYM
REGISTER NAME
0x3800 0000
-
Reserved
0x3800 0004
CTRL
VLYNQ Local Control Register
0x3800 0008
STAT
VLYNQ Local Status Register
0x3800 000C
INTPRI
VLYNQ Local Interrupt Priority Vector Status/Clear Register
0x3800 0010
INTSTATCLR
VLYNQ Local Interrupt Status/Clear Register
0x3800 0014
INTPENDSET
VLYNQ Local Interrupt Pending/Set Register
0x3800 0018
INTPTR
VLYNQ Local Interrupt Pointer Register
0x3800 001C
XAM
VLYNQ Local Transmit Address Map
0x3800 0020
RAMS1
VLYNQ Local Receive Address Map Size 1
0x3800 0024
RAMO1
VLYNQ Local Receive Address Map Offset 1
0x3800 0028
RAMS2
VLYNQ Local Receive Address Map Size 2
0x3800 002C
RAMO2
VLYNQ Local Receive Address Map Offset 2
0x3800 0030
RAMS3
VLYNQ Local Receive Address Map Size 3
0x3800 0034
RAMO3
VLYNQ Local Receive Address Map Offset 3
0x3800 0038
RAMS4
VLYNQ Local Receive Address Map Size 4
0x3800 003C
RAMO4
VLYNQ Local Receive Address Map Offset 4
0x3800 0040
CHIPVER
VLYNQ Local Chip Version Register
0x3800 0044
AUTNGO
VLYNQ Local Auto Negotiation Register
0x3800 0048
MANNGO
VLYNQ Local Manual Negotiation Register
0x3800 004C
NGOSTAT
VLYNQ Local Negotiation Status Register
0x3800 0050 - 0x3800 005C
-
Reserved
0x3800 0060
INTVEC0
VLYNQ Local Interrupt Vector 3 - 0
0x3800 0064
INTVEC1
VLYNQ Local Interrupt Vector 7 - 4
0x3800 0068 - 0x3800 007C
-
Reserved for future use [Local Interrupt Vectors 8 - 31]
0x3800 0080
RREVID
VLYNQ Remote Revision Register
0x3800 0084
RCTRL
VLYNQ Remote Control Register
0x3800 0088
RSTAT
VLYNQ Remote Status Register
0x3800 008C
RINTPRI
VLYNQ Remote Interrupt Priority Vector Status/Clear Register
0x3800 0090
RINTSTATCLR
VLYNQ Remote Interrupt Status/Clear Register
0x3800 0094
RINTPENDSET
VLYNQ Remote Interrupt Pending/Set Register
0x3800 0098
RINTPTR
VLYNQ Remote Interrupt Pointer Register
0x3800 009C
RXAM
VLYNQ Remote Transmit Address Map
0x3800 00A0
RRAMS1
VLYNQ Remote Receive Address Map Size 1
0x3800 00A4
RRAMO1
VLYNQ Remote Receive Address Map Offset 1
0x3800 00A8
RRAMS2
VLYNQ Remote Receive Address Map Size 2
0x3800 00AC
RRAMO2
VLYNQ Remote Receive Address Map Offset 2
0x3800 00B0
RRAMS3
VLYNQ Remote Receive Address Map Size 3
0x3800 00B4
RRAMO3
VLYNQ Remote Receive Address Map Offset 3
0x3800 00B8
RRAMS4
VLYNQ Remote Receive Address Map Size 4
168
Peripheral Information and Electrical Specifications
Copyright © 2010–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320DM647 TMS320DM648



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com