Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 18Page - NXP Semiconductors P89LPC9331 Datasheet HTML 19Page - NXP Semiconductors P89LPC9331 Datasheet HTML 20Page - NXP Semiconductors P89LPC9331 Datasheet HTML 21Page - NXP Semiconductors P89LPC9331 Datasheet HTML 22Page - NXP Semiconductors P89LPC9331 Datasheet HTML 23Page - NXP Semiconductors P89LPC9331 Datasheet HTML 24Page - NXP Semiconductors P89LPC9331 Datasheet HTML 25Page - NXP Semiconductors P89LPC9331 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
AD1DAT3
A/D_1 data
register 3
F5H
00
0000 0000
AUXR1
Auxiliary function
register
A2H
CLKLP
EBRR
ENT1
ENT0
SRST
0
-
DPS
00
0000 00x0
Bit address
F7
F6
F5
F4
F3
F2
F1
F0
B*
B register
F0H
00
0000 0000
BRGR0[2]
Baud rate
generator 0 rate
low
BEH
00
0000 0000
BRGR1[2]
Baud rate
generator 0 rate
high
BFH
00
0000 0000
BRGCON
Baud rate
generator 0
control
BDH
-
-
-
-
-
-
SBRGS
BRGEN
00[2]
xxxx xx00
CCCRA
Capture compare
A control register
EAH
ICECA2
ICECA1
ICECA0
ICESA
ICNFA
FCOA
OCMA1
OCMA0
00
0000 0000
CCCRB
Capture compare
B control register
EBH
ICECB2
ICECB1
ICECB0
ICESB
ICNFB
FCOB
OCMB1
OCMB0
00
0000 0000
CCCRC
Capture compare
C control register
ECH
-
-
-
-
-
FCOC
OCMC1
OCMC0
00
xxxx x000
CCCRD
Capture compare
D control register
EDH
-
-
-
-
-
FCOD
OCMD1
OCMD0
00
xxxx x000
CMP1
Comparator 1
control register
ACH
-
-
CE1
CP1
CN1
OE1
CO1
CMF1
00[1]
xx00 0000
CMP2
Comparator 2
control register
ADH
-
-
CE2
CP2
CN2
OE2
CO2
CMF2
00[1]
xx00 0000
DEECON
Data EEPROM
control register
F1H
EEIF
HVERR
ECTL1
ECTL0
-
EWERR1
EWERR0
EADR8
08
00001000
DEEDAT
Data EEPROM
data register
F2H
00
0000 0000
DEEADR
Data EEPROM
address register
F3H
00
0000 0000
Table 6.
Special function registers - P89LPC9351/9361
* indicates SFRs that are bit addressable.
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com