Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 64Page - NXP Semiconductors P89LPC9331 Datasheet HTML 65Page - NXP Semiconductors P89LPC9331 Datasheet HTML 66Page - NXP Semiconductors P89LPC9331 Datasheet HTML 67Page - NXP Semiconductors P89LPC9331 Datasheet HTML 68Page - NXP Semiconductors P89LPC9331 Datasheet HTML 69Page - NXP Semiconductors P89LPC9331 Datasheet HTML 70Page - NXP Semiconductors P89LPC9331 Datasheet HTML 71Page - NXP Semiconductors P89LPC9331 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
68 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
10.1 Current characteristics
Note: The graphs provided are a statistical summary based on a limited number of
samples and only for information purposes. The performance characteristics listed are not
tested or guaranteed.
Test conditions: normal mode, code while(1) {} executed from on-chip flash; using an external
clock.
Fig 26. IDD(oper) vs. frequency at +25 °C
Test conditions: normal mode, code while(1) {} executed from on-chip flash; using an external
clock.
Fig 27. IDD(oper) vs. frequency at −40 °C
VDD (V)
2.4
3.6
3.2
2.8
002aae363
8
4
12
16
IDD
(mA)
0
18 MHz
12 MHz
8 MHz
6 MHz
4 MHz
2 MHz
1 MHz
32 kHz
VDD (V)
2.4
3.6
3.2
2.8
002aae364
8
4
12
16
IDD
(mA)
0
18 MHz
12 MHz
8 MHz
6 MHz
4 MHz
2 MHz
1 MHz
32 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com