Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 84 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 84 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 80Page - NXP Semiconductors P89LPC9331 Datasheet HTML 81Page - NXP Semiconductors P89LPC9331 Datasheet HTML 82Page - NXP Semiconductors P89LPC9331 Datasheet HTML 83Page - NXP Semiconductors P89LPC9331 Datasheet HTML 84Page - NXP Semiconductors P89LPC9331 Datasheet HTML 85Page - NXP Semiconductors P89LPC9331 Datasheet HTML 86Page - NXP Semiconductors P89LPC9331 Datasheet HTML 87Page - NXP Semiconductors P89LPC9331 Datasheet HTML 88Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
84 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
12.2 ADC/PGA/temperature sensor electrical characteristics
Table 18.
ADC/PGA/temperature sensor electrical characteristics
VDD = 2.4 V to 3.6 V, unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, −40 °C to +125 °C extended, unless otherwise specified.
All limits valid for an external source impedance of less than 10 k
Ω.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIA
analog input voltage
VSS − 0.4 -
VDD + 0.4
V
Cia
analog input capacitance
-
-
15
pF
ED
differential linearity error
-
-
±1
LSB
EL(adj)
integral non-linearity
-
-
±1
LSB
EO
offset error
-
-
±2
LSB
EG
gain error
-
-
±1%
Eu(tot)
total unadjusted error
-
-
±2
LSB
MCTC
channel-to-channel matching
-
-
±1
LSB
αct(port)
crosstalk between port inputs
0 kHz to 100 kHz
-
-
−60
dB
SRin
input slew rate
-
-
100
V/ms
Tcy(ADC)
ADC clock cycle time
111
-
2000
ns
tADC
ADC conversion time
ADC enabled
-
-
13Tcy(ADC)
µs
PGA
ts(PGA)
PGA settling time
within accuracy
of ADC
--1
µs
GPGA
PGA gain
G = 1
0.95
1.00
1.05
V/V
G = 2
1.87
1.97
2.07
V/V
G = 4
3.70
3.89
4.08
V/V
G = 8
7.22
7.60
7.98
V/V
G = 16
14.38
15.14
15.90
V/V
tstartup
start-up time
-
-
2
µs
Voffset(O)(nom)
nominal output offset voltage
-
100
-
mV
temperature sensor
Vsen
sensor voltage
Tamb = +25 °C
-
570
-
mV
TC
temperature coefficient
-
11
-
mV/
°C
tstartup
start-up time
-
200
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com