Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 6Page - NXP Semiconductors P89LPC9331 Datasheet HTML 7Page - NXP Semiconductors P89LPC9331 Datasheet HTML 8Page - NXP Semiconductors P89LPC9331 Datasheet HTML 9Page - NXP Semiconductors P89LPC9331 Datasheet HTML 10Page - NXP Semiconductors P89LPC9331 Datasheet HTML 11Page - NXP Semiconductors P89LPC9331 Datasheet HTML 12Page - NXP Semiconductors P89LPC9331 Datasheet HTML 13Page - NXP Semiconductors P89LPC9331 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
10 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
P2.0 to P2.7
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type. During reset
Port 2 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 2 pins as inputs and outputs depends upon the
port configuration selected. Each port pin is configured independently. Refer to
Section 7.16.1 “Port configurations” and Table 12 “Static characteristics” for
details.
All pins have Schmitt trigger inputs.
Port 2 also provides various special functions as described below:
P2.0/ICB/DAC0
/AD03
1
I/O
P2.0 — Port 2 bit 0.
I
ICB — Input Capture B. (P89LPC9351/9361)
O
DAC0 — Digital-to-analog converter output.
I
AD03 — ADC0 channel 3 analog input.
P2.1/OCD/AD02
2
I/O
P2.1 — Port 2 bit 1.
O
OCD — Output Compare D. (P89LPC9351/9361)
I
AD02 — ADC0 channel 2 analog input.
P2.2/MOSI
13
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is output;
when configured as slave, this pin is input.
P2.3/MISO
14
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured as slave,
this pin is output.
P2.4/SS
15
I/O
P2.4 — Port 2 bit 4.
I
SS — SPI Slave select.
P2.5/SPICLK
16
I/O
P2.5 — Port 2 bit 5.
I/O
SPICLK — SPI clock. When configured as master, this pin is output; when
configured as slave, this pin is input.
P2.6/OCA
27
I/O
P2.6 — Port 2 bit 6.
O
OCA — Output Compare A. (P89LPC9351/9361)
P2.7/ICA
28
I/O
P2.7 — Port 2 bit 7.
I
ICA — Input Capture A. (P89LPC9351/9361)
P3.0 to P3.1
I/O
Port 3: Port 3 is a 2-bit I/O port with a user-configurable output type. During reset
Port 3 latches are configured in the input only mode with the internal pull-up
disabled. The operation of Port 3 pins as inputs and outputs depends upon the
port configuration selected. Each port pin is configured independently. Refer to
Section 7.16.1 “Port configurations” and Table 12 “Static characteristics” for
details.
All pins have Schmitt trigger inputs.
Port 3 also provides various special functions as described below:
Table 3.
Pin description …continued
Symbol
Pin
Type Description
PLCC28,
TSSOP28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com