Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 51Page - NXP Semiconductors P89LPC9331 Datasheet HTML 52Page - NXP Semiconductors P89LPC9331 Datasheet HTML 53Page - NXP Semiconductors P89LPC9331 Datasheet HTML 54Page - NXP Semiconductors P89LPC9331 Datasheet HTML 55Page - NXP Semiconductors P89LPC9331 Datasheet HTML 56Page - NXP Semiconductors P89LPC9331 Datasheet HTML 57Page - NXP Semiconductors P89LPC9331 Datasheet HTML 58Page - NXP Semiconductors P89LPC9331 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
55 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.29.3 Data EEPROM (P89LPC9351/9361)
The P89LPC9351/9361 has 512 bytes of on-chip Data EEPROM. The Data EEPROM is
SFR based, byte readable, byte writable, and erasable (via row fill and sector fill). The
user can read, write and fill the memory via SFRs and one interrupt. This Data EEPROM
provides 100,000 minimum erase/program cycles for each byte.
• Byte mode: In this mode, data can be read and written one byte at a time.
• Row fill: In this mode, the addressed row (64 bytes) is filled with a single value. The
entire row can be erased by writing 00H.
• Sector fill: In this mode, all 512 bytes are filled with a single value. The entire sector
can be erased by writing 00H.
After the operation finishes, the hardware will set the EEIF bit, which if enabled will
generate an interrupt. The flag is cleared by software.
Remark: When voltage supply is lower than 2.4 V, the BOD EEPROM is tripped and Data
EEPROM program or erase is blocked. EWERR1 and EWERR0 bits are used to indicate
the write error for BOD EEPROM. Both can be cleared by power-on reset, watchdog reset
or software write.
7.30 Flash program memory
7.30.1 General description
The P89LPC9331/9341/9351/9361 flash memory provides in-circuit electrical erasure and
programming. The flash can be erased, read, and written as bytes. The Sector and Page
Erase functions can erase any flash sector (1 kB) or page (64 bytes). The Chip Erase
operation will erase the entire program memory. ICP using standard commercial
programmers is available. In addition, IAP and byte-erase allows code memory to be used
for non-volatile data storage. On-chip erase and write timing generation contribute to a
user-friendly programming interface. The P89LPC9331/9341/9351/9361 flash reliably
stores memory contents even after 100,000 erase and program cycles. The cell is
designed to optimize the erase and programming mechanisms. The
P89LPC9331/9341/9351/9361 uses VDD as the supply voltage to perform the
Program/Erase algorithms. When voltage supply is lower than 2.4 V, the BOD FLASH is
tripped and flash erase/program is blocked.
7.30.2 Features
• Programming and erase over the full operating voltage range.
• Byte erase allows code memory to be used for data storage.
• Read/Programming/Erase using ISP/IAP/ICP.
• Internal fixed boot ROM, containing low-level IAP routines available to user code.
• Default loader providing ISP via the serial port, located in upper end of user program
memory.
• Boot vector allows user-provided flash loader code to reside anywhere in the flash
memory space, providing flexibility to the user.
• Any flash program/erase operation in 2 ms.
• Programming with industry-standard commercial programmers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com