Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC9331 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # P89LPC9331
Description  8-bit microcontroller with accelerated two-clock 80C51 core, 4 kB/8 kB/16 kB 3 V byte-erasable flash with 8-bit ADCs
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC9331 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button P89LPC9331 Datasheet HTML 39Page - NXP Semiconductors P89LPC9331 Datasheet HTML 40Page - NXP Semiconductors P89LPC9331 Datasheet HTML 41Page - NXP Semiconductors P89LPC9331 Datasheet HTML 42Page - NXP Semiconductors P89LPC9331 Datasheet HTML 43Page - NXP Semiconductors P89LPC9331 Datasheet HTML 44Page - NXP Semiconductors P89LPC9331 Datasheet HTML 45Page - NXP Semiconductors P89LPC9331 Datasheet HTML 46Page - NXP Semiconductors P89LPC9331 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 93 page
background image
P89LPC9331_9341_9351_9361_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 June 2009
43 of 93
NXP Semiconductors
P89LPC9331/9341/9351/9361
8-bit microcontroller with accelerated two-clock 80C51 core
7.22.7 Alternating output mode
In asymmetrical mode, the user can set up PWM channels A/B and C/D as alternating
pairs for bridge drive control. In this mode the output of these PWM channels are
alternately gated on every counter cycle.
7.22.8 PLL operation
The PWM module features a Phase Locked Loop that can be used to generate a
CCUCLK frequency between 16 MHz and 32 MHz. At this frequency the PWM module
provides ultrasonic PWM frequency with 10-bit resolution provided that the crystal
frequency is 1 MHz or higher. The PLL is fed an input signal from 0.5 MHz to 1 MHz and
generates an output signal of 32 times the input frequency. This signal is used to clock the
timer. The user will have to set a divider that scales PCLK by a factor from 1 to 16. This
divider is found in the SFR register TCR21. The PLL frequency can be expressed as
shown in Equation 1:
(1)
Where: N is the value of PLLDV3:0.
Fig 10. Symmetrical PWM
TOR2
compare value
timer value
non-inverted
inverted
002aaa894
0
Fig 11. Alternate output mode
TIMER VALUE
002aaa895
0
TOR2
COMPARE VALUE A (or C)
COMPARE VALUE B (or D)
PWM OUTPUT (OCA or OCC)
PWM OUTPUT (OCB or OCD)
PLL frequency
PCLK
N1
+
()
------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com