Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2AT Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 17Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 18Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 19Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 20Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 21Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
SPBT2532C2.AT
Doc ID 16089 Rev 3
21/48
B.3
Overview
This chapter gives a basic overview of the abSerial interface. For further information, please
refer to the abserial user guide.
B.4
abSerial interface overview
abSerial is a cable replacement application that provides point-to-point communication
between two Bluetooth devices. A serial port is used to communicate with a host device
through an AT command interface as shown below.
Figure 10.
Communications between hosts
abSerial provides the following basic features:
Point-to-point connection – abSerial only supports a connection with one device at a
time.
Optional MultiPoint applications are available upon request
Serial port profile – SPP is supported with abSerial for both Client and Server
application.
Optional dial up networking – DUN profile support for Client applications (DUN Server
is not currently supported).
Optional OBEX profiles are available upon request
Command and bypass modes – it is possible to switch between command and bypass
(data transmit/receive) modes during an active connection
Security – Bonding and data encryption provides a secure link between two devices.
Multiple device bonding – special security keys can be exchanged with multiple devices
to allow different devices to securely connect with abSerial.
Power conservation – use of the sniff feature to minimize power consumption.
Variable baud rates – the serial port can be configured for the following baud rates:
1200, 2400, 4800, 9600, 19.2k, 38.4k, 57.6k, 115.2k (default), 230.4k, 460.8k, 921.6k
AT Cmds 
Host 
Device 
Bluetooth
Device 
Bluetooth 
Device 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com