Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2AT Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 33Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 34Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 35Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 36Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 37Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 38Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
35/48
C.26
Security
The Security command is used to set the security level of the device in use. By default,
security level none is used.
Variable pin type (the pincode request event will always be received by the application
from the stack), and
128-bit unit key.
Service level security, level 2, is not currently supported. The security setting is not
preserved in non-volatile memory.
C.26.1
Syntax
AT+AB Security [level]
where
[level] is the type of security to use:
None
Link (default)
C.26.2
Responses
If the operation is successful, the response is:
AT-AB SecurityOk
C.27
SmartCableSetup
The SmartCableSetup command is used enable and configure a Smart Cable device. A
device’s BD Address is specified with which to automatically establish a connection;
replacing the need for AT connection commands. This command will override the dynamic
configuration of a Smart Cable device until the DeleteSmartCable command is issued; it is
saved in non-volatile memory.
C.27.1
Syntax
AT+AB SmartCableSetup [BD address] [Attempts] [Interval]
Where
[BD address] is the BD address of the remote device to page and attempt to
connect.
[Attempts] 0 – 999 is the number of pages the will be attempted to the specified
device until a connection is successful. A value of 0 will not automatically page the remote
device, however, GPIO 7 may be asserted to manually send a page. A value of 1000 will
perform unlimited pages until connected. be switched to active mode.
[Sniff Interval]
is given in slots from 66-10,000. [Interval] 1-1000 is the number of 100ms intervals (0.1sec
to 100 sec) between page attempts. This interval is in addition to the amount of time
required by the page attempt itself.
C.27.2
Responses
If the operation is successful, the response is:
AT-AB SmartCableConfigDone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com