| Electronic Components Datasheet Search |
|
SPBT2532C2AT Datasheet(PDF) 30 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPBT2532C2AT Datasheet(HTML) 30 Page - STMicroelectronics |
|
30 / 48 page ![]() Commands SPBT2532C2.AT 30/48 Doc ID 16089 Rev 3 C.12.1 Syntax AT+AB EnableBond AT+AB EnableBond [BD addr] AT+AB EnableBond [BD addr] [PIN] AT+AB EnableBond [BD addr] [PIN] [timeout] Where [BD addr] is the BD Address of the remote device with which to bond, [PIN] is the PIN code to use (up to 16 characters), and [timeout] is the duration of the timeout in seconds (1 to 14,400, in decimal). C.12.2 Responses If the operation is successful, the response is: AT-AB BondEnabled If bonding has been initiated by a remote device, the notification is: AT-AB BondPending [BD addr] where [BD addr] is the BD address of the remote device that initiated the bonding. If bonding has occurred, the notification is: AT-AB BondOk [BD addr] where [BD addr] is the BD address of the remote device with successful bonding. If bonding was initiated by a remote device but failed, the notification is AT-AB BondFail When the time limit for bonding has expired, the notification is AT-AB BondDisabled C.13 EraseBondTable The EraseBondTable command is used to erase all of the bonded device entries. Single devices cannot be erased with this command C.13.1 Syntax AT+AB EraseBondTable C.13.2 Responses If the operation is successful, the response is: AT-AB BondTableErased C.14 ExitPark The ExitPark command is used to switch a device from park mode to active mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |