Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2AT Datasheet(PDF) 26 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 26 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 22Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 23Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 24Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 48 page
background image
Commands
SPBT2532C2.AT
26/48
Doc ID 16089 Rev 3
where
[rate] is the new baud rate:
1200
2400
4800
9600
19,200
38,400
57,600
115,200
230,400
460,800
921,600
C.4.2
Responses
If the change is accepted, the response is:
AT-AB Baudrate Changed
The actual change will not occur until the response has been completely transmitted.
C.5
ChangeDefaultBaud
The host sends the ChangeDefaultBaud command in order to change the default UART
speed to a new speed identified by the host. This command is used to override the default
baud rate from the Dynamic Configuration script so that the device does not require
reprogramming to update this setting. The new baud rate is updated permanently until the
device is either re-programmed or another ChangeDefaultBaud command is issued. The
baud rate specified in the command will not take effect until the device is reset. To change
the baud rate of the current session, use the ChangeBaud command.
C.5.1
Syntax
AT+AB ChangeDefaultBaud [rate]
where
[rate] is the new baud rate:
1200
2400
4800
9,600
19,200
38,400
57,600
115,200
230,400
460,800
921,600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com