Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2AT Datasheet(PDF) 29 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 25Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 26Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 27Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 28Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 29Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 30Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 31Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 32Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
SPBT2532C2.AT
Commands
Doc ID 16089 Rev 3
29/48
C.10.1
Syntax
AT+AB DUNConnect [BD Addr] [Service]
Where
[BD Addr] is the remote devices BD Address to page. [Service] is the specific
service on the remote device; optional.
C.10.2
Responses
If the connection is successful, the response is:
AT-AB ConnectionUp
AT-AB -BypassMode-
If the connection cannot be completed, the response is:
AT-AB DUNConnectionClosed
C.11
DUNDisconnect
The DUNDisconnect command is used to terminate a connection with the remote device.
C.11.1
Syntax
AT+AB DUNDisconnect
C.11.2
Responses
If the connection is successful, the response is:
AT-AB DUNConnectionClosed
C.12
EnableBond
The EnableBond command is used to enable bonding with another device. The BD
Address, PIN and timeout parameters are optional.
When no BD Address is specified, requests from all BD Addresses are allowed.
If a BD Address is specified, bonding requests from devices with BD Addresses other than
the one specified will fail and the existing link key will be deleted for that device.
Optionally, a PIN code may be entered with this command. If no PIN code is specified, the
default PIN code will be used. The default PIN code is either the last 4 digits of the device’s
BD address or the dynamically configured PIN code, depending on the default PIN selection
in the dynamic configuration file.
Also, a timeout value, in seconds, may be entered after the PIN code. Bonding will be
disabled automatically after the requested timeout. If no timeout is specified, bonding is
enabled until reset or until the DisableBond command is used.
If this command is issued multiple times, only the last PIN and BD address are saved. Also,
if this command is issued before the first timeout occurs, the subsequent command will
extend the timeout. The timeout is always set to the specified time beyond the last received
EnableBond.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com