Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPBT2532C2AT Datasheet(PDF) 45 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 45 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 40Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 41Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 42Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 43Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 44Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 45Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 46Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 47Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 48Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 48 page
background image
SPBT2532C2.AT
Other responses
Doc ID 16089 Rev 3
45/48
E.4
Unexpected disconnect
Bluetooth connections may be unexpectedly dropped (e.g., in changing RF conditions).
Although it is generally assumed that a disconnect will be negotiated on the application
level, the remote device may initiate a disconnect. When that happens, the disconnect may
be unexpected. This section applies to both the general case and the unexpected
disconnect.
It is useful for the local host to be notified that a connection has been terminated when it isn’t
controlling the termination. An unexpected disconnect is essentially defined as a disconnect
that occurs while in bypass mode. If this happens, abSerial will respond with:
###NO CARRIER
AT-AB -CommandMode-
It is the responsibility of the host to prevent this string from appearing in the data stream
during normal operation.
If a remote disconnect occurs during command mode, this notification string is also sent. It
will not be sent, however, if an initial setup cannot be established or if the disconnect is
requested by the local device.
Hardware handshaking is not used to indicate a disconnection in this implementation.
Modems can use DCD (data carrier detect) to notify the DTE (data terminal entity, e.g.,
computer) that a connection is either available or unavailable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com