Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 28 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 28 Page - International Rectifier

Back Button IR3521 Datasheet HTML 24Page - International Rectifier IR3521 Datasheet HTML 25Page - International Rectifier IR3521 Datasheet HTML 26Page - International Rectifier IR3521 Datasheet HTML 27Page - International Rectifier IR3521 Datasheet HTML 28Page - International Rectifier IR3521 Datasheet HTML 29Page - International Rectifier IR3521 Datasheet HTML 30Page - International Rectifier IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
IR3521
Page 28
V3.03
DESIGN PROCEDURES - IR3521 AND IR3508 CHIPSET
IR3521 EXTERNAL COMPONENTS
All the output components are selected using one output but suitable for both unless otherwise specified.
Oscillator Resistor RRosc
The IR3521 generates square wave pulses to synchronize the phase ICs. The switching frequency of the each
phase converter equals the PHSOUT frequency, which is set by the external resistor RROSC (use Figure 2 to
determine the RROSC value). The CLKOUT frequency equals the switching frequency multiplied by the phase
number.
Soft Start Capacitor CSS/DEL
The Soft Start capacitor CSS/DEL programs four different time parameters: soft start delay time, soft start time,
PGOOD delay time and over-current fault latch delay time after PGOOD.
SS/DEL pin voltage controls the slew rate of the converter output voltage, as shown in Figure 11. Once the ENABLE
pin rises above 1.65V, there is a soft-start delay time TD1 during which SS/DEL pin is charged from zero to 1.4V.
Once SS/DEL reaches 1.4V the error amplifier output is released to allow the soft start. The soft start time, TD2,
represents the time during which converter voltage rises from zero to pre-PWROK VID voltage and the SS/DEL pin
voltage rises from 1.4V to pre-PWROK VID voltage plus 1.4V. PGOOD delay time TD3 is the time period from VR
reaching the pre-PWROK VID voltage to the PGOOD signal assertion.
Calculate CSS/DEL based on the required soft start time TD2.
PWROK
pre
PWROK
pre
CHG
DEL
SS
V
TD
V
I
TD
C
6
/
10
*
50
*
2
*
2
(1)
The soft start delay time TD1 and PGOOD delay time TD3 are determined by equation (2) and (3) respectively.
6
/
/
10
*
50
4
.
1
*
4
.
1
*
1
DEL
SS
CHG
DEL
SS
C
I
C
TD
(2)
6
/
/
10
*
50
)
4
.
1
92
.
3
(
*
)
4
.
1
92
.
3
(
*
3
PWROK
pre
DEL
SS
CHG
PWROK
pre
DEL
SS
V
C
I
V
C
TD
(3)
Once CSS/DEL is chosen, use equation (4) to calculate the maximum over-current fault latch delay time
tOCDEL.
6
/
/
10
*
47
12
.
0
*
12
.
0
*
DEL
SS
DISCHG
DEL
SS
OCDEL
C
I
C
t
(4)
VDAC Slew Rate Programming Capacitor CVDAC and Resistor RVDAC
The slew rate of VDAC down-slope SRDOWN can be programmed by the external capacitor CVDAC as defined in (5),
where ISINK is the VDAC buffer sink current. The resistor RVDAC is used to compensate VDAC circuit and is
determined by (6). The up and down slow are equal due to symmetrical sink and source capabilities of the VDAC
buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com