Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 33 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 33 Page - International Rectifier

Back Button IR3521 Datasheet HTML 29Page - International Rectifier IR3521 Datasheet HTML 30Page - International Rectifier IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier IR3521 Datasheet HTML 33Page - International Rectifier IR3521 Datasheet HTML 34Page - International Rectifier IR3521 Datasheet HTML 35Page - International Rectifier IR3521 Datasheet HTML 36Page - International Rectifier IR3521 Datasheet HTML 37Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
IR3521
Page 33
V3.03
IR3508 EXTERNAL COMPONENTS
Inductor Current Sensing Capacitor CCS and Resistor RCS
The DC resistance of the inductor is utilized to sense the inductor current. Usually the resistor RCS and capacitor
CCS in parallel with the inductor are chosen to match the time constant of the inductor, and therefore the voltage
across the capacitor CCS represents the inductor current. If the two time constants are not the same, the AC
component of the capacitor voltage is different from that of the real inductor current. The time constant mismatch
does not affect the average current sharing among the multiple phases, but affect the current signal ISHARE as well
as the output voltage during the load current transient if adaptive voltage positioning is adopted.
Measure the inductance L and the inductor DC resistance RL. Pre-select the capacitor CCS and calculate RCS as
follows.
CS
L
CS
C
R
L
R
(19)
Bootstrap Capacitor CBST
Depending on the duty cycle and gate drive current of the phase IC, a capacitor in the range of 0.1uF to 1uF is
needed for the bootstrap circuit.
Decoupling Capacitors for Phase IC
0.1uF-1uF decoupling capacitors are required at VCC and VCCL pins of phase ICs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com