Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 4 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 4 Page - International Rectifier

  IR3521 Datasheet HTML 1Page - International Rectifier IR3521 Datasheet HTML 2Page - International Rectifier IR3521 Datasheet HTML 3Page - International Rectifier IR3521 Datasheet HTML 4Page - International Rectifier IR3521 Datasheet HTML 5Page - International Rectifier IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
IR3521
Page 4
V3.03
PIN#
PIN
SYMBOL
PIN DESCRIPTION
20
SS/DEL1
Programs output 1 startup and over current protection delay timing. Connect an
external capacitor to LGND to program.
21
IIN1
Output 1 average current input from the output 1 phase IC(s). This pin is also used
to communicate over voltage condition to phase ICs.
22
VDRP1
Output 1 Buffered IIN1 signal. Connect an external RC network to FB1 to program
converter output impedance.
23
ROSC/OVP
Connect a resistor to LGND to program oscillator frequency and OCSET1, OCSET2,
FB1, FB2, VDAC1, and VDAC2 bias currents. Oscillator frequency equals switching
frequency per phase. The pin voltage is 0.6V during normal operation and higher
than 1.6V if over-voltage condition is detected.
24
PSI_L
Digital output to communicate the systems power state to phase ICs PSI_L pin.
25
CLKOUT
Clock output at switching frequency multiplied by phase number. Connect to CLKIN
pins of phase ICs.
26
PHSOUT
Phase clock output at switching frequency per phase. Connect to PHSIN pin of the
first phase IC.
27
PHSIN
Feedback input of phase clock. Connect to PHSOUT pin of the last phase IC.
28
VCCL
Output of the voltage regulator, and power input for clock oscillator circuitry. Connect
a decoupling capacitor to LGND. No external power rail connection is allowed.
29
VCCLFB
Non-inverting input of the voltage regulator error amplifier. Output voltage of the
regulator is programmed by the resistor divider connected to VCCL.
30
VCCLDRV
Output of the VCCL regulator error amplifier to control external transistor. The pin
senses 12V power supply through a resistor.
31
PGOOD
Open collector output that drives low during startup and under any external fault
condition. And it monitors output voltages, if any of the voltage planes fall out of
spec, it will drive low. Connect external pull-up. ( Output voltage out of spec is
defined as 350mV to 240mV below VDAC voltage )
32
SVC
SVC (Serial VID Clock) is an open drain output of the processor and input to
IR3521, requires an external bias voltage and should not be floated
EPAD
LGND
Local ground for internal circuitry and IC substrate connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com