Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 32 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3521 Datasheet HTML 28Page - International Rectifier IR3521 Datasheet HTML 29Page - International Rectifier IR3521 Datasheet HTML 30Page - International Rectifier IR3521 Datasheet HTML 31Page - International Rectifier IR3521 Datasheet HTML 32Page - International Rectifier IR3521 Datasheet HTML 33Page - International Rectifier IR3521 Datasheet HTML 34Page - International Rectifier IR3521 Datasheet HTML 35Page - International Rectifier IR3521 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
IR3521
Page 32
V3.03
When a step load is applied, the capacitor acts as a short-circuit, at that instant, and pushes the OCSET signal up by
∆V (i.e. change in IIN) instantaneously. After an increase in its level, the OCP signal starts decaying exponentially
towards its original value. The rate of decay is determined by the RC time constant. The VR will enter hiccup mode
when the OCSET signal falls below the IIN value. The following equation (18) is use to calculate the ideal capacitor
value:
,
_
_
TDC
spike
OC
spike
OC
oc
spike
Spike
IDD
I
I
I
I
In
R
t
C
(18)
where,
tspike_oc = IDD_Spike OC time (choose >1.5ms),
Roc
= OC resistor (TDC),
Ispike = IDD_Spike Max,
IOC
= TDC OC Threshold,
ITDC = Thermal Design Current.
The following graph shows a dynamic OC response with tspike set for 1.5ms.
Figure X:
Figure 20 Showing Dynamic OC Response
TDC
OC Threshold
IDD_Spike Boundary
IDD_Spike OC Threshold
tspike_oc
TDC
OC Threshold
IDD_Spike Boundary
IDD_Spike OC Threshold
tspike_oc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com