Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 3 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 3 Page - International Rectifier

  IR3521 Datasheet HTML 1Page - International Rectifier IR3521 Datasheet HTML 2Page - International Rectifier IR3521 Datasheet HTML 3Page - International Rectifier IR3521 Datasheet HTML 4Page - International Rectifier IR3521 Datasheet HTML 5Page - International Rectifier IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
IR3521
Page 3
V3.03
PIN DESCRIPTION
PIN#
PIN SYMBOL
PIN DESCRIPTION
1
SVD
SVD (Serial VID Data) is a bidirectional signal that is an input and open drain output
for both master (AMD processor) and slave (IR3521), requires an external bias
voltage and should not be floated
2
PWROK
System wide Power Good signal and input to the IR3521. When asserted, the
IR3521 output voltage is programmed through the SVID interface protocol.
Connecting this pin to VCCL enables VFIX mode.
3
ENABLE
Enable input. A logic low applied to this pin puts the IC into fault mode. A logic high
on the pin enables the converter and causes the SVC and SVD input states to be
decoded and stored, determining the 2-bit Boot VID. Do not float this pin as the logic
state will be undefined.
4
IIN2
Output 2 average current input from the output 2 phase IC(s). This pin is also used
to communicate over voltage condition to the output 2 phase ICs.
5
SS/DEL2
Programs output 2 startup and over current protection delay timing. Connect an
external capacitor to LGND to program.
6
VDAC2
Output 2 reference voltage programmed by the SVID inputs and error amplifier non-
inverting input. Connect an external RC network to LGND to program dynamic VID
slew rate and provide compensation for the internal buffer amplifier.
7
OCSET2
Programs the output 2 constant converter output current limit and hiccup over-
current threshold through an external resistor tied to VDAC2 and an internal current
source from this pin. Over-current protection can be disabled by connecting a
resistor from this pin to VDAC2 to program the threshold higher than the possible
signal into the IIN2 pin from the phase ICs but no greater than 5V (do not float this
pin as improper operation will occur).
8
EAOUT2
Output of the output 2 error amplifier.
9
FB2
Inverting input to the Output 2 error amplifier.
10
VOUT2
Output 2 remote sense amplifier output.
11
VOSEN2+
Output 2 remote sense amplifier input. Connect to output at the load.
12
VOSEN2-
Output 2 remote sense amplifier input. Connect to ground at the load.
13
VOSEN1-
Output 1 remote sense amplifier input. Connect to ground at the load.
14
VOSEN1+
Output 1 remote sense amplifier input. Connect to output at the load.
15
VOUT1
Output 1 remote sense amplifier output.
16
FB1
Inverting input to the output 1 error amplifier. Converter output voltage can be
increased from the VDAC1 voltage with an external resistor connected between
VOUT1 and this pin (there is an internal current sink at this pin).
17
EAOUT1
Output of the output 1 error amplifier.
18
OCSET1
Programs the output 1 constant converter output current limit and hiccup over-
current threshold through an external resistor tied to VDAC1 and an internal current
source from this pin. Over-current protection can be disabled by connecting a
resistor from this pin to VDAC1 to program the threshold higher than the possible
signal into the IIN1 pin from the phase ICs but no greater than 5V (do not float this
pin as improper operation will occur).
19
VDAC1
Output 1 reference voltage programmed by the SVID inputs and error amplifier non-
inverting input. Connect an external RC network to LGND to program dynamic VID
slew rate and provide compensation for the internal buffer amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com