Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3521 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3521
Description  XPHASE3TM AMD SVID CONTROL IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3521 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3521 Datasheet HTML 4Page - International Rectifier IR3521 Datasheet HTML 5Page - International Rectifier IR3521 Datasheet HTML 6Page - International Rectifier IR3521 Datasheet HTML 7Page - International Rectifier IR3521 Datasheet HTML 8Page - International Rectifier IR3521 Datasheet HTML 9Page - International Rectifier IR3521 Datasheet HTML 10Page - International Rectifier IR3521 Datasheet HTML 11Page - International Rectifier IR3521 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
IR3521
Page 8
V3.03
Note 1: Guaranteed by design, but not tested in production Note 2: VDACx Outputs are trimmed to compensate for Error & Amp
Remote Sense Amp input offset.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
Under Voltage Threshold - Voutx
Increasing
Reference to VDACx
-325
-275
-225
mV
Under Voltage Threshold Hysteresis
5
53
110
mV
Output Voltage
I(PGOOD) = 4mA
150
300
mV
Leakage Current
V(PGOOD) = 5.5V
0
10
A
VCCL Activation Threshold
I(PGOOD) = 4mA, V(PGOOD) =
300mV
1.73
3.5
V
Over Voltage Protection (OVP) Comparators
Threshold at Power-up
1.60
1.73
1.83
V
Voutx Threshold Voltage
Compare to V(VDACx)
220
260
285
mV
OVP Release Voltage during Normal
Operation
Compare to V(VDACx)
-20
3
25
mV
Threshold during Dynamic VID down
1.8
1.85
1.9
V
Dynamic VID Detect Comparator Threshold Note 1
25
50
75
mV
Propagation Delay to IIN
Measure time from V(Voutx) >
V(VDACx) (250mV overdrive) to
V(IINx) transition to > 0.9 *
V(VCCL).
90
180
ns
OVP High Voltage
Measure V(VCCL)-V(ROSC/OVP)
0
1.2
V
OVP Power-up High Voltage
V(VCCLDRV)=1.8V. Measure
V(VCCL)-V(ROSC/OVP)
0
0.2
V
Propagation Delay to OVP
Measure time from V(Voutx) >
V(VDACx) (250mV overdrive) to
V(ROSC/OVP) transition to >1V.
150
300
nS
IIN Pull-up Resistance
5
15
Ω
Open Sense Line Detection
Sense Line Detection Active Comparator
Threshold Voltage
150
200
250
mV
Sense Line Detection Active Comparator
Offset Voltage
V(Voutx) < [V(VOSENx+) –
V(LGND)] / 2
29
62.5
90
mV
VOSEN+ Open Sense Line Comparator
Threshold
Compare to V(VCCL)
86.5
89.0
91.5
%
VOSEN- Open Sense Line Comparator
Threshold
0.36
0.40
0.44
V
Sense Line Detection Source Currents
V(Voutx) = 100mV
200
500
700
uA
VCCL Regulator Amplifier
Reference Feedback Voltage
1.15
1.2
1.25
V
VCCLFB Bias Current
-1
0
1
uA
VCCLDRV Sink Current
10
40
mA
UVLO Start Threshold
Compare to V(VCCL)
89.0
93.5
97.0
%
UVLO Stop Threshold
Compare to V(VCCL)
81.0
85.0
89.0
%
Hysteresis
Compare to V(VCCL)
7.0
8.25
9.5
%
ENABLE, PWROK Inputs
Threshold Increasing
1.3
1.65
1.9
V
Threshold Decreasing
0.8
0.99
1.2
V
Threshold Hysteresis
470
620
770
mV
Bias Current
0V ≤ V(x) ≤ 3.5V, SVC not asserted
-5
0
5
uA
PWROK VFIX Mode Threshold
3.3
V
(VCCL
+3.3)(V) / 2
VC
CL
V
General
VCCL Supply Current
3.5
10
15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com