Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280CUFD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 4Page - Linear Technology LTC4280CUFD Datasheet HTML 5Page - Linear Technology LTC4280CUFD Datasheet HTML 6Page - Linear Technology LTC4280CUFD Datasheet HTML 7Page - Linear Technology LTC4280CUFD Datasheet HTML 8Page - Linear Technology LTC4280CUFD Datasheet HTML 9Page - Linear Technology LTC4280CUFD Datasheet HTML 10Page - Linear Technology LTC4280CUFD Datasheet HTML 11Page - Linear Technology LTC4280CUFD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC4280
8
4280f
PIN FUNCTIONS
ADIN: ADC Input. A voltage between 0V and 1.235V
applied to this pin is measured by the onboard ADC. Tie
to ground if unused.
ADR0, ADR1, ADR2: Serial Bus Address Inputs. Tying
these pins to ground, to the INTVCC pin or open configures
one of 27 possible addresses. See Table 1 in Applications
Information.
ALERT: Fault Alert Output. Open-drain logic output that
is pulled to ground when a fault occurs to alert the host
controller. A fault alert is enabled by the ALERT register.
See Applications Information. Tie to ground if unused.
EN: Enable Input. Ground this pin to indicate a board is
present and enable the N-channel MOSFET to turn on. When
this pin is high, the MOSFET is not allowed to turn on. An
internal 10μA current source pulls up this pin. Transitions
on this pin are recorded in the Fault register. A high-to-low
transition activates the logic to read the state of the ON pin
and clear Faults. See Applications Information.
EXPOSED PAD (Pin 25): Exposed pad may be left open
or connected to device ground.
FB: Foldback Current Limit and Power Good Input. A
resistive divider from the output is tied to this pin. When
the voltage at this pin drops below 1.235V, power is not
considered good. The power bad condition may result in the
GPIO pin pulling low or going high impedance depending
on the configuration of control register bits A6 and A7.
Also a power bad fault is logged in this condition if the
LTC4280 has finished the start-up cycle and the GATE pin
is high. See Applications Information. The current limit
folds back from a 26mV sense voltage to 10mV as the
FB pin voltage falls from 0.6V to 0V.
FILTER: Fault Filter Input. Connect a capacitor between this
pin and ground to set a 123ms/μF delay for overcurrent
fault filtering after startup.
GATE: Gate Drive for External N-Channel MOSFET. An
internal 20μA current source charges the gate of the
MOSFET. Often no compensation capacitor is required
on the GATE pin, but a resistor and capacitor network
from this pin to ground may be used to set the turn-on
output voltage slew rate. See Applications Information.
During turn-off there is a 1mA pulldown current. During
a short-circuit or undervoltage lockout (VDD or INTVCC),
a 450mA pulldown current source between GATE and
SOURCE is activated.
GND: Device Ground.
GPIO: General Purpose Input/Output. Open-drain logic
output or logic input. Defaults to an output set to pull
low to indicate power is not good. Configure according
to Table 2 and 3.
INTVCC: Low Voltage Supply Decoupling Output. Connect
a 0.1μF capacitor from this pin to ground.
ON: On Control Input. A rising edge turns on the external
N-channel MOSFET and a falling edge turns it off. This pin
also configures the state of the FET On bit in the control
register (and hence the external MOSFET) at power up.
For example, if the ON pin is tied high, then the FET On bit
(A3 in Table 2) goes high 100ms after power-up. Likewise
if the ON pin is tied low then the part remains off after
power-up until the FET On bit is set high using the I2C
bus. A high-to-low transition on this pin clears the fault
register.
OV: Overvoltage Comparator Input. Connect this pin to an
external resistive divider from VDD. If the voltage at this
pin rises above 1.235V, an overvoltage fault is detected
and the GATE turns off. Tie to GND if unused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com