Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280CUFD Datasheet(PDF) 15 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 11Page - Linear Technology LTC4280CUFD Datasheet HTML 12Page - Linear Technology LTC4280CUFD Datasheet HTML 13Page - Linear Technology LTC4280CUFD Datasheet HTML 14Page - Linear Technology LTC4280CUFD Datasheet HTML 15Page - Linear Technology LTC4280CUFD Datasheet HTML 16Page - Linear Technology LTC4280CUFD Datasheet HTML 17Page - Linear Technology LTC4280CUFD Datasheet HTML 18Page - Linear Technology LTC4280CUFD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LTC4280
15
4280f
APPLICATIONS INFORMATION
it to INTVCC, the part is allowed to turn on again after an
internal 5 second timer has expired, in the same manner
as the TIMER pin passing its 0.2V threshold.
Overvoltage Fault
An overvoltage fault occurs when either the OV pin rises
above its 1.235V threshold, or the VDD pin rises above its
15.6V threshold, for more than 2μs. This shuts off the GATE
with a 1mA current to ground and sets the overvoltage
present bit C0 and the overvoltage fault bit D0. If the pin
subsequently falls back below the threshold for 100ms,
the GATE is allowed to turn on again unless overvoltage
auto-retry has been disabled by clearing bit A0.
Undervoltage Fault
An undervoltage fault occurs when the UV pin falls below
its 1.235V threshold for more than 2μs. This turns off the
GATE with a 1mA current to ground and sets undervoltage
present bit C1 and undervoltage fault bit D1. If the UV pin
subsequently rises above the threshold for 100ms, the
GATE is turned on again unless undervoltage auto-retry has
been disabled by clearing bit A1. When power is applied
to the device, if UV is below its 1.235V threshold after
INTVCC crosses its 2.64V undervoltage lockout threshold,
an undervoltage fault is logged in the fault register.
Board Present Change of State
Whenever the EN pin toggles, bit D4 is set to indicate a
change of state. When the EN pin goes high, indicating
board removal, the GATE turns off immediately (with a 1mA
current to ground) and clears the board present bit, C4. If
the EN pin is pulled low, indicating a board insertion, all
fault bits except D4 are cleared and enable bit, C4, is set.
If the EN pin remains low for 100ms the state of the ON
pin is captured in ‘FET On’ control bit A3. This turns the
switch on if the ON pin is tied high. There is an internal
10μA pull-up current source on the EN pin.
Figure 3. Short-Circuit Waveforms
VGATE
10V/DIV
VSOURCE
10V/DIV
VDD
10V/DIV
ILOAD
10A/DIV
5μs/DIV
4280 F03
RS = 5mΩ
CL = 0
RSHORT = 1Ω
R6 = 30k
C1 = 0.1μF
Overcurrent Fault
The LTC4280 features an adjustable current limit that
protects against short-circuits or excessive load current
until an overcurrent fault is generated. An overcurrent
fault can occur in two different manners. First, at the end of
start-up when the TIMER pin reaches its 1.235V threshold
or the internal 100ms start-up timer expires, if the part is
in current limit an overcurrent fault is generated. Second,
after start-up the FILTER pin ramps up with 10μA if the sense
voltage exceeds the 25mV circuit breaker threshold or the
current limit circuit regulates the sense voltage. When the
FILTER pin passes its 1.235V threshold the overcurrent
present bit C2 is set and an overcurrent fault is generated.
In both cases the external MOSFET is turned off and the
overcurrent fault bit is set.
After the MOSFET is turned off, the TIMER and FILTER
capacitors begins discharging with 2μA pulldown currents.
When the TIMER pin reaches its 0.2V threshold the MOSFET
is allowed to turn on again if the overcurrent fault has been
cleared. However, if the overcurrent auto-retry bit, A2 has
been set then the MOSFET turns on again automatically
without resetting the overcurrent fault. Use a minimum
value of 10nF for CT. If the TIMER pin is bypassed by tying



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com