Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280CUFD Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 17Page - Linear Technology LTC4280CUFD Datasheet HTML 18Page - Linear Technology LTC4280CUFD Datasheet HTML 19Page - Linear Technology LTC4280CUFD Datasheet HTML 20Page - Linear Technology LTC4280CUFD Datasheet HTML 21Page - Linear Technology LTC4280CUFD Datasheet HTML 22Page - Linear Technology LTC4280CUFD Datasheet HTML 23Page - Linear Technology LTC4280CUFD Datasheet HTML 24Page - Linear Technology LTC4280CUFD Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC4280
21
4280f
APPLICATIONS INFORMATION
remains LOW during this pulse to acknowledge receipt
of the data. If the slave fails to acknowledge by leaving
SDA high, then the master may abort the transmission by
generating a STOP condition. When the master is receiving
data from the slave, the master pulls down the SDA line
during the clock pulse to indicate receipt of the data. After
the last byte has been received the master leaves the SDA
line HIGH (not acknowledge) and issues a stop condition
to terminate the transmission.
Write Protocol
The master begins communication with a START condition
followed by the seven bit slave address and the R/W bit
set to zero, as shown in Figure 7. The addressed LTC4280
acknowledges this and then the master sends a command
byte which indicates which internal register the master
wishes to write. The LTC4280 acknowledges this and
then latches the lower three bits of the command byte
into its internal Register Address pointer. The master then
delivers the data byte and the LTC4280 acknowledges
once more and latches the data into its control register.
The transmission is ended when the master sends a STOP
condition. If the master continues sending a second data
byte, as in a Write Word command, the second data byte
is acknowledged by the LTC4280 but ignored, as shown
in Figure 8.
Read Protocol
The master begins a read operation with a START condition
followed by the seven bit slave address and the R/W bit
set to zero, as shown in Figure 9. The addressed LTC4280
acknowledges this and then the master sends a command
byte which indicates which internal register the master
wishes to read. The LTC4280 acknowledges this and then
latches the lower three bits of the command byte into its
internal Register Address pointer. The master then sends
a repeated START condition followed by the same seven
bit address with the R/W bit now set to one. The LTC4280
acknowledges and send the contents of the requested
register. The transmission is ended when the master
sends a STOP condition. If the master acknowledges
the transmitted data byte, as in a Read Word command,
Figure 10, the LTC4280 repeats the requested register as
the second data byte.
Alert Response Protocol
When any of the fault bits in FAULT register D are set, an
optional bus alert is generated if the appropriate bit in
the ALERT register B is also set. If an alert is enabled, the
corresponding fault causes the ALERT pin to pull low. After
the bus master controller broadcasts the Alert Response
Address, the LTC4280 responds with its address on the
SDA line and then release ALERT as shown in Figure 11.
The ALERT line is also released if the device is addressed
by the bus master. The ALERT signal is not pulled low
again until the FAULT register indicates a different fault
has occurred or the original fault is cleared and it occurs
again. Note that this means repeated or continuing faults
do not generate alerts until the associated FAULT register
bit has been cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com