Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280CUFD Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 12Page - Linear Technology LTC4280CUFD Datasheet HTML 13Page - Linear Technology LTC4280CUFD Datasheet HTML 14Page - Linear Technology LTC4280CUFD Datasheet HTML 15Page - Linear Technology LTC4280CUFD Datasheet HTML 16Page - Linear Technology LTC4280CUFD Datasheet HTML 17Page - Linear Technology LTC4280CUFD Datasheet HTML 18Page - Linear Technology LTC4280CUFD Datasheet HTML 19Page - Linear Technology LTC4280CUFD Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LTC4280
16
4280f
APPLICATIONS INFORMATION
If the system shuts down due to a fault, it may be desirable
to restart the system simply by removing and reinserting
a load card. In cases where the LTC4280 and the switch
reside on a backplane or midplane and the load resides on
a plug-in card, the EN pin detects when the plug-in card is
removed. Figure 4 shows an example where the EN pin is
used to detect insertion. Once the plug-in card is reinserted
the fault register is cleared (except for D4). After 100ms
the state of the ON pin is latched into bit A3 of the control
register. At this point the system starts up again.
If a connection sense on the plug-in card is driving the EN
pin, insertion or removal of the card may cause the pin
voltage to bounce. This results in clearing the fault register
when the card is removed. The pin may be debounced
using a filter capacitor, CEN, on the ENpin as shown in
Figure 4. The filter time is given by:
tFILTER = CEN • 123 [ms/μF]
Power Bad Fault
A power bad fault is reported if the FB pin voltage drops
below its 1.235V threshold for more than 2μs when the
GATE is high. This pulls the GPIO pin low immediately
when configured as power-good, and sets power-bad
present bit, C3, and power bad fault bit D3. A circuit
prevents power-bad faults if the gate-to-source voltage is
low, eliminating false power-bad faults during power-up
or power-down. If the FB pin voltage subsequently rises
back above the threshold, the GPIO pin returns to a high
impedance state and bit C3 is reset.
Fault Alerts
When any of the fault bits in FAULT register D are set, an
optional bus alert is generated if the appropriate bit in the
ALERT register B has been set. This allows only selected
faults to generate alerts. At power-up the default state is to
not alert on faults. If an alert is enabled, the corresponding
fault causes the ALERT pin to pull low. After the bus master
controller broadcasts the Alert Response Address, the
LTC4280 responds with its address on the SDA line and
releases ALERT as shown in Table 6. If there is a collision
between two LTC4215s responding with their addresses
simultaneously, then the device with the lower address
wins arbitration and responds first. The ALERT line is also
released if the device is addressed by the bus master.
Once the ALERT signal has been released for one fault, it
is not pulled low again until the FAULT register indicates a
different fault has occurred or the original fault is cleared
and it occurs again. Note that this means repeated or
continuing faults do not generate alerts until the associated
FAULT register bit has been cleared.
Resetting Faults
Faults are reset with any of the following conditions. First,
a serial bus command writing zeros to the FAULT register
D clears the associated faults. Second, the entire FAULT
register is cleared when the switch is turned off by the ON
–
+
1.235V
GND
MOTHERBOARD
CONNECTOR
PLUG-IN
CARD
SOURCE
OUT
LTC4280
EN
CEN
LOAD
4280 F04
10μA
Figure 4. Plug-In Card Insertion/Removal
FET Short Fault
A FET short fault is reported if the data converter measures
a current sense voltage greater than or equal to 1.6mV
while the GATE is turned off. This condition sets FET short
present bit, C5, and FET short fault bit D5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com