Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4280CUFD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4280CUFD
Description  Hot Swap Controller with I2C Compatible Monitoring
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4280CUFD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4280CUFD Datasheet HTML 6Page - Linear Technology LTC4280CUFD Datasheet HTML 7Page - Linear Technology LTC4280CUFD Datasheet HTML 8Page - Linear Technology LTC4280CUFD Datasheet HTML 9Page - Linear Technology LTC4280CUFD Datasheet HTML 10Page - Linear Technology LTC4280CUFD Datasheet HTML 11Page - Linear Technology LTC4280CUFD Datasheet HTML 12Page - Linear Technology LTC4280CUFD Datasheet HTML 13Page - Linear Technology LTC4280CUFD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
LTC4280
10
4280f
FUNCTIONAL DIAGRAM
1.235V
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
+
–
UV
UV
+
–
+
–
PG
PWRGD
FAULT
CB
25mV
26mV
CS
GATE
SOURCE
FILTER
FET ON
SENSE–
SENSE+
FOLDBACK
RST
UV
FB
ON
VDD
ADIN
OV
EN
0.4V
1.235V
10μA
INTVCC
1.235V
1.235V
2.84V
15.6V
1.235V
1.235V
0.6V
RESET
OV1
OV
EN
EN
ON
TM1
GP
FAULT
UVLO2
TM2
ON
OV2
OV2
UVLO1
VDD(UVLO)
CHARGE
PUMP AND
GATE DRIVER
GPI0
1V
TIMER
+
–
0.2V
1.235V
SENSE+ - SENSE –
I2C ADDR
SOURCE
A/D
CONVERTER
8
100μA
2.64V
3.1V
GEN
2μA
+
–
+
–
1.235V
ADRO
ADR1
4280 BD
ADR2
INTVCC
+
–
5
SDAI
SCL
ALERT
SDAO
I2C
1 OF 27
LOGIC
10μA
2μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com