| Electronic Components Datasheet Search |
|
LTC4280CUFD Datasheet(PDF) 20 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LTC4280CUFD Datasheet(HTML) 20 Page - Linear Technology |
|
20 / 28 page ![]() LTC4280 20 4280f APPLICATIONS INFORMATION SCL SDA START CONDITION STOP CONDITION ADDRESS R/W ACK DATA ACK DATA ACK 1 - 7 8 9 4280 F06 a6 - a0 b7 - b0 b7 - b0 1 - 7 8 9 1 - 7 8 9 P S Figure 6. Data Transfer Over I2C or SMBus Digital Interface The LTC4280 communicates with a bus master using a 2-wire interface compatible with I2C Bus and SMBus, an I2C extension for low power devices. The LTC4280 is a read-write slave device and supports SMBus bus Read Byte, Write Byte, Read Word and Write Word commands. The second word in a Read Word command is identical to the first word. The second word in a Write Word command is ignored. Data formats for these commands are shown in Figures 6 to 11. START and STOP Conditions When the bus is idle, both SCL and SDA are high. A bus master signals the beginning of a transmission with a start condition by transitioning SDA from high to low while SCL is high, as shown in Figure 6. When the master has finished communicating with the slave, it issues a STOP condition by transitioning SDA from low to high while SCL is high. The bus is then free for another transmission. I2C Device Addressing Twenty-seven distinct bus addresses are available using three 3-state address pins, ADR0-ADR2. Table 1 shows the correspondence between pin states and addresses. Note that address bits B7 and B6 are internally configured to 10. In addition, the LTC4280 responds to two special addresses. Address (1011 111) is a mass write address that writes to all LTC4280s, regardless of their individual address settings. Mass write can be disabled by setting register A4 to zero. Address (0001 100) is the SMBus Alert Response Address. If the LTC4280 is pulling low on the ALERT pin, it acknowledges this address by broadcasting its address and releasing the ALERT pin. Acknowledge The acknowledge signal is used in handshaking between transmitter and receiver to indicate that the last byte of data was received. The transmitter always releases the SDA line during the acknowledge clock pulse. When the slave is the receiver, it pulls down the SDA line so that it |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |