Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 75 page
background image
ADT7490
http://onsemi.com
11
IMON is a voltage representation of the CPU current. Using
the IMON value and the measured VCCP value on Pin 23, the
CPU power consumption can be calculated. See the
appropriate Analog Devices flex mode data sheet for
calculations. The IMON information can be considered as an
early indication of an increase in CPU temperature.
Startup Operation
At startup, the ADT7490 turns the fans on to 100% PWM.
This allows the most robust operation at turn−on.
Serial Bus Interface
Control of the ADT7490 is carried out using the serial
system management bus (SMBus). The ADT7490 is
connected to this bus as a slave device, under the control of
a master controller. The ADT7490 has a 7−bit serial bus
address. When the device is powered up with Pin 13
(PWM3/ADDREN) high, the ADT7490 has a default
SMBus address of 0101110 or 0x2E. The read/write bit must
be added to obtain the 8−bit address. If more than one
ADT7490 is to be used in a system, each ADT7490 is placed
in address select mode by strapping Pin 13 low on powerup.
The logic state of Pin 14 then determines the device’s
SMBus address. The logic of these pins is sampled on
powerup.
The device address is monitored from powerup but not
latched until the first valid SMBus transaction, more
precisely on the low−to−high transition at the beginning of
the eighth SCL pulse, when the serial bus address byte
matches the selected slave address. The selected slave
address is chosen using the ADDREN/ADDR SELECT
pins. Any attempted changes in the address have no effect
after this.
Table 3. Hard−wiring the ADT7490 SMBus Device
Address
Pin 13 State
Pin 14 State
Address
0
Low (10 kW to GND)
0101100 (0x2C)
0
High (10 kW pullup)
0101101 (0x2D)
1
Don’t care
0101110 (0x2E)
Data is sent over the serial bus in sequences of nine clock
pulses: eight bits of data followed by an acknowledge bit
from the slave device. Transitions on the data line must
occur during the low period of the clock signal and remain
stable during the high period, because a low−to−high
transition when the clock is high may be interpreted as a stop
signal. The number of data bytes that can be transmitted over
the serial bus in a single read or write operation is limited
only by what the master and slave devices can handle.
When all data bytes have been read or written, stop
conditions are established. In write mode, the master pulls
the data line high during the 10th clock pulse to assert a stop
condition. In read mode, the master device overrides the
acknowledge bit by pulling the data line high during the low
period before the ninth clock pulse; this is known as no
acknowledge. The master takes the data line low during the
low period before the 10th clock pulse, and then high during
the 10th clock pulse to assert a stop condition.
Any number of bytes of data can be transferred over the
serial bus in one operation, but it is not possible to mix read
and write in one operation because the type of operation is
determined at the beginning and cannot subsequently be
changed without starting a new operation.
In the ADT7490, write operations contain either one or
two bytes, and read operations contain one byte. To write
data to one of the device data registers or read data from it,
the address pointer register must be set so that the correct
data register is addressed. Then data can be written into that
register or read from it. The first byte of a write operation
always contains an address that is stored in the address
pointer register. If data is to be written to the device, the write
operation must contain a second data byte that is written to
the register selected by the address pointer register.
This write operation is shown in Figure 18. The device
address is sent over the bus, and then R/W is set to 0. This
is followed by two data bytes. The first data byte is the
address of the internal data register to be written to, which
is stored in the address pointer register. The second data byte
is the data to be written to the internal data register.
When reading data from a register, there are two
possibilities:
If the ADT7490 address pointer register value is
unknown or not the desired value, it must first be set to
the correct value before data can be read from the
desired data register. This is done by performing a write
to the ADT7490 as before, but only the data byte
containing the register address is sent because no data is
written to the register. This is shown in Figure 19.
A read operation is then performed consisting of the
serial bus address, R/W bit set to 1, followed by the
data byte read from the data register. This is shown in
Figure 20.
If the address pointer register is known to be already at
the desired address, data can be read from the
corresponding data register without first writing to the
address pointer register, as shown in Figure 20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com