Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 75 page
background image
ADT7490
http://onsemi.com
23
Register 0x6B, Local THERM Temperature Limit = 0x64 default
Register 0x52, Remote 2 Temperature Low Limit = 0x81 default
Register 0x53, Remote 2 Temperature High Limit = 0x7F default
Register 0x6C, Remote 2 THERM Temperature Limit = 0x64
default
Register 0x34, PECI Low Limit = 0x81 default
Register 0x35, PECI High Limit = 0x00 default
Register 0x3D, PECI TCONTROL Limit = 0x00 default
THERM Timer Limit Register
Register 0x7A, THERM Timer Limit = 0x00 default
16−Bit Limits
The fan TACH measurements are 16−bit results. The fan
TACH limits are also 16 bits, consisting of a high byte and
low byte. Only high limits exist for fan TACHs because fans
running under speed or stalled are normally the only
conditions of interest. Because the fan TACH period is
actually being measured, exceeding the limit indicates a
slow or stalled fan.
Fan Limit Registers
Register 0x54, TACH1 Minimum Low Byte = 0xFF default
Register 0x55, TACH1 Minimum High Byte = 0xFF default
Register 0x56, TACH2 Minimum Low Byte = 0xFF default
Register 0x57, TACH2 Minimum High Byte = 0xFF default
Register 0x58, TACH3 Minimum Low Byte = 0xFF default
Register 0x59, TACH3 Minimum High Byte = 0xFF default
Register 0x5A, TACH4 Minimum Low Byte = 0xFF default
Register 0x5B, TACH4 Minimum High Byte = 0xFF default
Out−of−Limit Comparisons
Once all limits have been programmed, the ADT7490 can
be enabled for monitoring. The ADT7490 measures all
voltage and temperature measurements in round−robin
format and sets the appropriate status bit to indicate
out−of−limit conditions. TACH measurements are not part
of this round−robin cycle. Comparisons are done differently
depending on whether the measured value is being
compared to a high or low limit.
High Limit > Comparison Performed
Low Limit
≤ Comparison Performed
Voltage and temperature channels use a window
comparator for error detecting and, therefore, have high and
low limits. Fan speed measurements use only a low limit.
Analog Monitoring Cycle Time
The analog monitoring cycle begins when a 1 is written to
the start bit (Bit 0) of Configuration Register 1 (0x40). The
ADC measures each analog input in turn and, as each
measurement is completed, the result is automatically stored
in the appropriate value register. This round−robin
monitoring cycle continues unless disabled by writing a 0 to
Bit 0 of Configuration Register 1.
As the ADC is normally left to free−run in this manner, the
time taken to monitor all the analog inputs is normally not
of interest, because the most recently measured value of any
input can be read out at any time. For applications where the
monitoring cycle time is important, it can easily be
calculated.
The total number of channels measured consists of
Six dedicated supply voltage inputs
Supply voltage (VCC pin)
Local temperature
Two remote temperatures
As mentioned previously, the ADC performs round−robin
conversions and takes 11 ms for each voltage measurement,
12 ms for a local temperature reading, and 39 ms for each
remote temperature reading. The total monitoring cycle time
for averaged voltage and temperature monitoring is,
therefore, nominally
(7
11) ) 12 ) (2
39) + 167 ms
(eq. 5)
Fan TACH measurements and PECI thermal measurements
are made in parallel and are not synchronized with the analog
measurements in any way.
Interrupt Status Registers
The results of limit comparisons are stored in Interrupt
Status Register 1 to Interrupt Status Register 4. The status
register bit for each channel reflects the status of the last
measurement and limit comparison on that channel. If a
measurement is within limits, the corresponding interrupt
status register bit is cleared to 0. If the measurement is out of
limit, the corresponding interrupt status register bit is set to 1.
The state of the various measurement channels can be
polled by reading the interrupt status registers over the serial
bus. In Bit 7 (OOL) of Interrupt Status Register 1 (0x41), a
Logic 1 indicates an out−of−limit event has been flagged in
Interrupt Status Register 2. This means the user also needs to
read Interrupt Status Register 2. There is a similar OOL bit in
Interrupt Status Register 2 and Interrupt Status Register 3,
indicating an out−of−limit event in the next status register.
Alternatively, Pin 10 or Pin 14 can be configured as an
SMBALERT output. This hard interrupt automatically
notifies the system supervisor of an out−of−limit condition.
Reading the interrupt status registers clears the appropriate
status bit as long as the error condition that caused the
interrupt has cleared. Interrupt status register bits are sticky.
Whenever an interrupt status bit is set, indicating an
out−of−limitcondition, it remains set even if the event that
caused it has gone away (until read).
The only way to clear the interrupt status bit is to read the
interrupt status register after the event has gone away.
Interrupt status mask registers allow individual interrupt
sources to be masked from causing an SMBALERT on the
dedicated alert pin. However, if one of these masked
interrupt sources goes out of limit, its associated interrupt
status bit is set in the interrupt status registers.
Full details of the Interrupt Status and Interrupt Mask
registers associated with each measurement channels are
detailed in the Table 16 and in the full register map in the
Register Tables section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com