Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 26 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 26 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 75 page
background image
ADT7490
http://onsemi.com
26
If the THERM timer is read during a THERM assertion, the
following happens:
The contents of the timer are cleared.
Bit 0 of the THERM timer is set to 1, because a
THERM assertion is occurring.
The THERM timer increments from zero.
If the THERM timer limit (Register 0x7A) = 0x00, the
F4P bit is set.
Generating SMBALERT Interrupts from THERM Timer
Events
The ADT7490 can generate SMBALERTs when a
programmable THERM timer limit has been exceeded. This
allows the system designer to ignore brief, infrequent
THERM assertions while capturing longer THERM timer
events. Register 0x7A is the THERM timer limit register.
This 8−bit register allows a limit from 0 sec (first THERM
assertion) to 5.825 sec to be set before an SMBALERT is
generated. The THERM timer value is compared with the
contents of the THERM timer limit register. If the THERM
timer value exceeds the THERM timer limit value, the
FAN4 bit (Bit 5) of Status Register 2 is set and an
SMBALERT is generated.
Note that depending on which pins are configured as a
THERM timer, setting the FAN4/THERM bit (Bit 5) of the
Interrupt Mask Register 2 (0x75), or bit 0 of the Interrupt
Mask Register 1 (0x74), masks out SMBALERT; although
the FAN4 bit of Interrupt Status Register 2 is still set if the
THERM timer limit is exceeded.
Figure 34 is a functional block diagram of the THERM
timer, THERM limit, and its associated circuitry. Writing a
value of 0x00 to the THERM Timer Limit register (0x7A)
causes an SMBALERT to be generated on the first THERM
assertion. A THERM timer limit value of 0x01 generates an
SMBALERT once cumulative THERM assertions exceed
45.52 ms.
Configuring the Relevant THERM Behavior
1. Configure the desired pin as the THERM timer
input. Setting Bit 1 (THERM timer enable) of
Configuration Register 3 (Register 0x78) enables
the THERM timer monitoring functionality. This is
disabled on Pin 14 and Pin 22 by default.
Setting Bit 0 and Bit 1 (Pin 14 Func) of
Configuration Register 4 (Register 0x7D) enables
THERM timer output functionality on Pin 22 (Bit 1
of Configuration Register 3, THERM, must also be
set). Pin 14 can also be used as TACH4.
2. Select the desired fan behavior for THERM timer
events. Assuming the fans are running, setting Bit 2
(BOOST bit) of Configuration Register 3 (Register
0x78) causes all fans to run at 100% duty cycle
whenever THERM is asserted.
This allows fail−safe system cooling. If this bit = 0,
the fans run at their current settings and are not
affected by THERM events. If the fans are not
already running when THERM is asserted, the fans
do not run to full speed.
3. Select whether THERM timer events should
generate SMBALERT interrupts.
Bit 5 of Interrupt Mask Register 2 (0x75) or Bit 0
of Interrupt Mask Register 1 (0x74), depending on
which pins are configured as a THERM timer,
when set, masks out SMBALERTs when the
THERM timer limit value is exceeded. This bit
should be cleared if SMBALERTs based on
THERM events are required.
4. Select a suitable THERM limit value.
This value determines whether an SMBALERT is
generated on the first THERM assertion, or only if
a cumulative THERM assertion time limit is
exceeded. A value of 0x00 causes an SMBALERT
to be generated on the first THERM assertion.
5. Select a THERM monitoring time.
This value specifies how often OS− or BIOS−level
software checks the THERM timer. For example,
BIOS can read the THERM timer once an hour to
determine the cumulative THERM assertion time.
If, for example, the total THERM assertion time is
<22.76 ms in Hour 1, >182.08 ms in Hour 2, and
>2.914 sec in Hour 3, this indicates that system
performance is degrading significantly because
THERM is asserting more frequently on an hourly
basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com