Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 34 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 34 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 75 page
background image
ADT7490
http://onsemi.com
34
Figure 48. Automatic Fan Control Block Diagram
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 2 =
GPU TEMP
REMOTE 1 =
AMBIENT TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
MIN
100%
PECI =
CPU TEMP
THERMAL CALIBRATION
0%
TMIN
TRANGE
100%
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
PWM
GENERATOR
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG
Step 1: Hardware Configuration
During system design, the motherboard sensing and
control capabilities should be addressed early in the design
stages. Decisions about how these capabilities are used
should involve the system thermal/mechanical engineer.
Ask the following questions:
What ADT7490 functionality is used?
PWM2 or SMBALERT?
TACH4 fan speed measurement or overtemperature
THERM function?
2.5 VIN voltage monitoring or overtemperature
THERM function?
The ADT7490 offers multifunctional pins that can be
reconfigured to suit different system requirements and
physical layouts. These multifunction pins are software
programmable.
How many fans are supported in the system, three or four?
This influences the choice of whether to use the TACH4
pin or to reconfigure it for the THERM function.
Is the CPU fan to be controlled using the ADT7490, or
will the CPU fan run at full speed 100% of the time?
If run at 100%, it frees up a PWM output, but the system
is louder.
Where is the ADT7490 going to be physically located
in the system?
This influences the assignment of the temperature
measurement channels to particular system thermal zones.
For example, locating the ADT7490 close to the VRM
controller circuitry allows the VRM temperature to be
monitored using the local temperature channel.
Step 2: Configuring the Muxtiplexer
After the system hardware configuration is determined,
the fans can be assigned to particular temperature channels.
Not only can fans be assigned to individual channels, but the
behavior of the fans is also configurable. For example, fans
can be run under automatic fan control, can be run manually
(under software control), or can be run at the fastest speed
calculated by multiple temperature channels. The mux is the
bridge between temperature measurement channels and the
three PWM outputs.
Bits [7:5] (BHVR) of Register 0x5C, Register 0x5D, and
Register 0x5E (PWM configuration registers) control the
behavior of the fans connected to the PWM1, PWM2, and
PWM3 outputs, respectively. The values selected for these
bits determine how the multiplexer connects a temperature
measurement channel to a PWM output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com