Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 12 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 75 page
background image
ADT7490
http://onsemi.com
12
Figure 18. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7490
START BY
MASTER
19
1
ACK. BY
ADT7490
9
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7490
STOP BY
MASTER
1
9
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
ACK. BY
ADT7490
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
ACK. BY
ADT7490
9
R/W
0
SCL
SDA
10
1
1
1
0
D7
D6
D5
D4
D3
D2
D1
D0
NO ACK. BY
MASTER
STOP BY
MASTER
START BY
MASTER
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
DATA BYTE FROM ADT7490
1
1
9
ACK. BY
ADT7490
9
Figure 19. Writing to the Address Pointer Register Only
Figure 20. Reading Data from a Previously Selected Register
It is possible to read a data byte from a data register
without first writing to the address pointer register if the
address pointer register is already at the correct value.
However, it is not possible to write data to a register without
writing to the address pointer register because the first data
byte of a write is always written to the address pointer
register.
In addition to supporting the send byte and receive byte
protocols, the ADT7490 also supports the read byte protocol
(see System Management Bus Specifications Rev. 2 for
more information; this document is available from the
SMBus organization).
If several read or write operations must be performed in
succession, the master can send a repeat start condition
instead of a stop condition to begin a new operation.
Write Operations
The SMBus specification defines several protocols for
different types of read and write operations. The ones used
in the ADT7490 are discussed here. The following
abbreviations are used in the diagrams:
S: Start
P: Stop
R: Read
W: Write
A: Acknowledge
A: No acknowledge
The ADT7490 uses the following SMBus write protocols.
Send Byte
In this operation, the master device sends a single
command byte to a slave device, as follows:
1. The master device asserts a start condition on SDA.
2. The master sends the 7−bit slave address followed
by the write bit (low).
3. The addressed slave device asserts ACK on SDA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com