Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7490ARQZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADT7490ARQZ-R7
Description  dBCool Remote Thermal Monitor and Fan Controller with PECI Interface
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7490ARQZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADT7490ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7490ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 75 page
background image
ADT7490
http://onsemi.com
25
If THERM is enabled (Bit 1, Configuration Register 3
at Address 0x78),
Pin 22 becomes THERM.
If Pin 14 is configured as THERM (Bit 0 and Bit 1 of
Configuration Register 4 at Address 0x7D), THERM is
enabled on this pin.
If THERM is not enabled,
Pin 22 becomes a 2.5 VIN measurement input.
If Pin 14 is configured as THERM, THERM is disabled
on this pin.
Table 18. Configuring Pin 14 in Register 0x7D
Bit 1
Bit 0
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
Reserved
THERM as an Input
When THERM is configured as an input, the user can time
assertions on the THERM pin. This can be useful for
connecting to the PROCHOT output of a CPU to gauge
system performance.
The user can also set up the ADT7490 so that the fans run
at 100% when the THERM pin is driven low externally. The
fans run at 100% for the duration of the time that the THERM
pin is pulled low. This is done by setting the BOOST bit
(Bit 2) in Configuration Register 3 (Address 0x78) to 1. This
works only if the fan is already running, for example, in
manual mode when the current duty cycle is above 0x00, or
in automatic mode when the temperature is above TMIN.
If the temperature is below TMIN or if the duty cycle in
manual mode is set to 0x00, pulling the THERM low
externally has no effect. See Figure 32 for more information.
Figure 32. Asserting THERM Low as an Input in
Automatic Fan Speed Control Mode
THERM
TMIN
THERM ASSERTED TO LOW AS AN INPUT:
FANS DO NOT GO TO 100%, BECAUSE
TEMPERATURE IS BELOW TMIN.
THERM ASSERTED TO LOW AS AN INPUT:
FANS DO NOT GO TO 100%, BECAUSE
TEMPERATURE IS ABOVE TMIN
THERM Timer
The ADT7490 has an internal timer to measure THERM
assertion time. For example, the THERM input can be
connected to the PROCHOT output of a CPU to measure
system performance. The THERM input can also
be connected to the output of a trip point temperature sensor.
The timer is started on the assertion of the ADT7490
THERM input and stopped when THERM is deasserted.
The timer counts THERM times cumulatively, that is, the
timer resumes counting on the next THERM assertion. The
THERM timer continues to accumulate THERM assertion
times until the timer is read (it is cleared on read), or until it
reaches full scale. If the counter reaches full scale, it stops
at that reading until cleared.
The 8−bit THERM timer status register (0x79) is designed
so that Bit 0 is set to 1 on the first THERM assertion. Once
the cumulative THERM assertion time has exceeded
45.52 ms, Bit 1 of the THERM timer is set and Bit 0 now
becomes the LSB of the timer with a resolution of 22.76 ms
(see Figure 33).
Figure 33. Understanding the THERM Timer
THERM
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
≤ 22.76ms
7 6 53 2 10
4
000
0001
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED
≥ 45.52ms
7 6 53 2 10
4
000
0010
0
THERM
TIMER
(REG. 0x79)
THERM ASSERTED ≥ 113.8ms
(91.04ms + 22.76ms)
7 6 53 2 10
4
000
0101
0
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
THERM
ACCUMULATE THERM LOW
ASSERTION TIMES
When using the THERM timer, be aware of the following:
After a THERM timer read (Register 0x79):
The contents of the timer are cleared on read.
Bit 5 of Interrupt Status 2 register (0x42) needs to be
cleared (assuming that the THERM timer limit has
been exceeded).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com