| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 282 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 282 Page - Freescale Semiconductor, Inc |
|
282 / 976 page ![]() The SPP DMA Controller Module (SPP_DMA2) MAC7200 Microcontroller Family Reference Manual, Rev. 2 204 Freescale Semiconductor 5. At the conclusion of the minor loop’s execution, certain fields of the transfer control descriptor are written back to the local TCD memory. The process (steps 2-5) is repeated until the outer major loop’s iteration count is exhausted. At that time, additional processing steps are completed, e.g., the optional assertion of an interrupt request signaling the transfer’s completion, final adjustments to the source and destination addresses, etc. A more detailed description of the channel processing is listed in the pseudo-code below. This simplified example is intended to represent basic data transfers. Detailed processing associated with the error handling is omitted. /* the given DMAchannel is requesting service by the software assertion of the tcd[channel].start bit, the assertion of an enabled ipd_req from a device, or the implicit assertion of a channel-to-channel link */ /* begin by reading the transfer control descriptor from the local RAM into the local dma_engine registers */ dma_engine = read_from_local_memory [channel]; dma_engine.active = 1; /* set active flag */ dma_engine.done = 0; /* clear done flag */ /* check the transfer control descriptor for consistency */ if (dma_engine.config_error == 0) { / * begin execution of the inner “minor” loop transfers */ { /* convert the source transfer size into a byte count */ switch (dma_engine.ssize) { case 0: /* 8-bit transfer */ src_xfr_size = 1; break; case 1: /* 16-bit transfer */ src_xfr_size = 2; break; case 2: /* 32-bit transfer */ src_xfr_size = 4; break; case 3: /* 64-bit transfer */ src_xfr_size = 8; break; case 4: /* 16-byte burst transfer */ src_xfr_size = 16; break; case 5: /* 32-byte burst transfer */ src_xfr_size = 32; break; } /* convert the destination transfer size into a byte count */ switch (dma_engine.dsize) { case 0: /* 8-bit transfer */ dest_xfr_size = 1; break; case 1: /* 16-bit transfer */ dest_xfr_size = 2; |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |