| Electronic Components Datasheet Search |
|
MAC7200 Datasheet(PDF) 284 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MAC7200 Datasheet(HTML) 284 Page - Freescale Semiconductor, Inc |
|
284 / 976 page ![]() The SPP DMA Controller Module (SPP_DMA2) MAC7200 Microcontroller Family Reference Manual, Rev. 2 206 Freescale Semiconductor /* generate the next-state destination address */ /* sum the current daddr with the signed destination offset */ ns_addr = dma_engine.daddr + (int) dma_engine.doff; /* if enabled, apply the power-of-2 modulo to the next-state dest addr */ if (dma_engine.dmod != 0) address_select = (1 << dma_engine.dmod) - 1; else address_select = 0xffff_ffff; dma_engine.daddr = ns_addr & address_select | dma_engine.daddr & ~address_select; } /* check for a higher priority channel to service if: */ /* 1) preemption is enabled */ /* 2) in fixed arbitration mode */ /* 3) a higher priority channel is requesting service */ /* 4) not already servicing a preempting channel */ if ((DCHPRIn.ecp = 1) & fixed_arbitration_mode higher_pri_request & ~current_channel_is_preempt) service_preempt_channel; /* the bandwidth control field determines when the next read/write occurs */ if (dma_engine.bwc > 1) stall_dma_engine (1 << dma_engine.bwc); /* decrement the minor loop byte count */ dma_engine.nbytes = dma_engine.nbytes - xfr_size; }while (dma_engine.nbytes > 0) /* end of minor inner loop */ dma_engine.citer--; /* decrement major loop iteration count */ /* if the major loop is not yet exhausted, update certain TCD values in the RAM */ if (dma_engine.citer != 0) { write_to_local_memory [channel].saddr = dma_engine.saddr; write_to_local_memory [channel].daddr = dma_engine.daddr; write_to_local_memory [channel].citer = dma_engine.citer; /* if minor loop linking is enabled, make the channel link */ if (dma_engine.citer.e_link) TCD[citer.linkch].start = 1; /* specified channel service req */ /* check for interrupt assertion if half of the major iterations are done */ if (dma_engine.int_half && (dma_engine.citer == (dma_engine.biter >> 1))) generate_interrupt (channel); dma_engine.active = 0; /* clear the channel busy flag */ } else { /* major loop is complete, dma_engine.citer == 0 */ /* since the major loop is complete, perform the final address adjustments */ /* sum the current {src,dst} addresses with “last” adjustment */ write_to_local_memory [channel].saddr = dma_engine.saddr + dma_engine.slast; |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |