Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 286 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 286 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 282Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 283Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 284Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 285Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 286Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
208
Freescale Semiconductor
Many of the control registers have a bit width that matches the number of channels implemented in the
module, i.e., 16-, 32- or 64-bits in size. Registers associated with a 64-channel design are implemented as
two 32-bit registers, and include an “H” and “L” suffixes, signaling the “high” and “low” portions of the
control function. The descriptions in this section define the 64-channel implementation. For 16- or
32-channel designs, the unused bits are not implemented: reads return zeroes, and writes are ignored.
The DMA module does not include any logic which provides access control. Rather, this function is
supported using the standard access control logic provided by the AIPS controller.
Table 12-4 is a 32-bit view of the DMA’s memory map. Areas not applicable to the MAC72xx family,
which has 16 channels, have been grayed out in theis table.
Table 12-4. DMA 32-bit Memory Map
DMA Offset
Register
0x0000
DMA Control Register (DMACR)
0x0004
DMA Error Status (DMAES)
0x0008
DMA Enable Request High (DMAERQH, Channels 63-32)
0x000c
DMA Enable Request Low (DMAERQL, Channels 31-00)
0x0010
DMA Enable Error Interrupt High (DMAEEIH, Channels 63-32)
0x0014
DMA Enable Error Interrupt Low (DMAEEIL, Channels 31-00)
0x0018
DMA Set Enable
Request
(DMASERQ)
DMA Clear Enable
Request
(DMACERQ)
DMA Set Enable
Error Interrupt
(DMASEEI)
DMA Clear Enable
Error Interrupt
(DMACEEI)
0x001c
DMA Clear Interrupt
Request
(DMACINT)
DMA Clear Error
(DMACERR)
DMA Set Start Bit
(DMASSRT)
DMA Clear Done
Status Bit
(DMACDNE)
0x0020
DMA Interrupt Request High (DMAINTH, Channels 63-32)
0x0024
DMA Interrupt Request Low (DMAINTL, Channels 31-00)
0x0028
DMA Error High (DMAERRH, Channels 63-32)
0x002c
DMA Error Low (DMAERRL, Channels 31-00)
0x0030-0x00fc
Reserved
0x0100
DMA Channel 0
Priority (DCHPRI0)
DMA Channel 1
Priority (DCHPRI1)
DMA Channel 2
Priority (DCHPRI2)
DMA Channel 3
Priority (DCHPRI3)
0x0104
DMA Channel 4
Priority (DCHPRI4)
DMA Channel 5
Priority (DCHPRI5)
DMA Channel 6
Priority (DCHPRI6)
DMA Channel 7
Priority (DCHPRI7)
0x0108
DMA Channel 8
Priority (DCHPRI8)
DMA Channel 9
Priority (DCHPRI9)
DMA Channel 10
Priority (DCHPRI10)
DMA Channel 11
Priority (DCHPRI11)
0x010c
DMA Channel 12
Priority (DCHPRI12)
DMA Channel 13
Priority (DCHPRI13)
DMA Channel 14
Priority (DCHPRI14)
DMA Channel 15
Priority (DCHPRI15)
0x0110
DMA Channel 16
Priority (DCHPRI16)
DMA Channel 17
Priority (DCHPRI17)
DMA Channel 18
Priority (DCHPRI18)
DMA Channel 19
Priority (DCHPRI19)
0x0114
DMA Channel 20
Priority (DCHPRI20)
DMA Channel 21
Priority (DCHPRI21)
DMA Channel 22
Priority (DCHPRI22)
DMA Channel 23
Priority (DCHPRI23)
0x0118
DMA Channel 24
Priority (DCHPRI24)
DMA Channel 25
Priority (DCHPRI25)
DMA Channel 26
Priority (DCHPRI26)
DMA Channel 27
Priority (DCHPRI27)
0x011c
DMA Channel 28
Priority (DCHPRI28)
DMA Channel 29
Priority (DCHPRI29)
DMA Channel 30
Priority (DCHPRI30)
DMA Channel 31
Priority (DCHPRI31)
0x0120
DMA Channel 32
Priority (DCHPRI32)
DMA Channel 33
Priority (DCHPRI33)
DMA Channel 34
Priority (DCHPRI34)
DMA Channel 35
Priority (DCHPRI35)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com