Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 289 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 289 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 285Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 286Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 291Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 292Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
211
32 byte boundary. If minor loop channel linking is enabled upon channel completion, a configuration error
is reported when the link is attempted if the TCD.citer.e_link bit does not equal the TCD.biter.e_link bit.
All configuration error conditions except scatter/gather and minor loop link error are reported as the
channel is activated and assert an error interrupt request, if enabled. A scatter/gather configuration error is
reported when the scatter/gather operation begins at major loop completion when properly enabled. A
minor loop channel link configuration error is reported when the link operation is serviced at minor loop
completion.
If a system bus read or write is terminated with an error, the data transfer is stopped and the appropriate
bus error flag set. In this case, the state of the channel’s transfer control descriptor is updated by the
dma_engine with the current source address, destination address and current iteration count at the point of
the fault. When a system bus error occurs, the channel is terminated after the read or write transaction
which is already pipelined after errant access, has completed. If a bus error occurs on the last read prior to
beginning the write sequence, the write will execute using the data captured during the bus error. If a bus
error occurs on the last write prior to switching to the next read sequence, the read sequence will execute
before the channel is terminated due to the destination bus error.
The occurrence of any type of error causes the dma_engine to immediately stop, and the appropriate
channel bit in the DMA Error register to be asserted. At the same time, the details of the error condition
are loaded into the DMAES register. The major loop complete indicators, setting the transfer control
descriptor done flag and the possible assertion of an interrupt request, are not affected when an error is
detected. See Figure 12-3 and Table 12-6 for the DMAES definition.
Register address: DMA_Offset + 0x0004
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R VLD
00000000000000
0
W
Reset
0
15
14
13
12
11
10
9876543210
R
0
CPE
ERRCHN[5:0]
SAE
SOE
DAE
DOE
NCE
SGE
SBE
DBE
W
Reset
000000000000000
0
= Unimplemented
Figure 12-3. DMA Error Status (DMAES) Register
Table 12-6. DMAES Field Descriptions
Field
Description
31
VLD
Logical OR of all DMAERRH and DMAERRL status bits.
0 No DMAERR bits are set.
1 At least one DMAERR bit is set indicating a valid error exists that has not been cleared.
30–15
Reserved, should be cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com