Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 290 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 290 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 286Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 291Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 292Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 293Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 294Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
212
Freescale Semiconductor
12.2.4.1.3
DMA Enable Request (DMAERQH, DMAERQL)
The DMAERQ{H,L} registers provide a bit map for the implemented channels {16,32,64} to enable the
request signal for each channel. DMAERQH supports channels 63-32, while DMAEQRL covers channels
31-00. The state of any given channel enable is directly affected by writes to this register; it is also affected
by writes to the DMASERQ and DMACERQ registers. The DMA{S,C}ERQ registers are provided so that
14
CPE
Channel Priority Error.
0 No channel priority error.
1 The last recorded error was a configuration error in the channel priorities. All channel priorities are not unique.
13–8
ERRCHN
[5:0]
Error Channel Number. The channel number of the last recorded error. (excluding CPE errors).
7
SAE
Source Address Error.
0 No source address configuration error.
1 The last recorded error was a configuration error detected in the TCD.saddr field. TCD.saddr is inconsistent with
TCD.ssize.
6
SOE
Source Offset Error.
0 No source offset configuration error.
1 The last recorded error was a configuration error detected in the TCD.soff field. TCD.soff is inconsistent with
TCD.ssize.
5
DAE
Destination Address Error.
0 No destination address configuration error.
1 The last recorded error was a configuration error detected in the TCD.daddr field. TCD.daddr is inconsistent with
TCD.dsize.
4
DOE
Destination Offset Error.
0 No destination offset configuration error.
1 The last recorded error was a configuration error detected in the TCD.doff field. TCD.doff is inconsistent with
TCD.dsize.
3
NCE
Nbytes/Citer Configuration Error.
0 No nbytes/citer configuration error.
1 The last recorded error was a configuration error detected in the TCD.nbytes or TCD.citer fields. TCD.nbytes is
not a multiple of TCD.ssize and TCD.dsize, or TCD.citer is equal to zero, or TCD.citer.e_link is not equal to
TCD.biter.e_link.
2
SGE
Scatter/Gather Configuration Error.
0 No scatter/gather configuration error.
1 The last recorded error was a configuration error detected in the TCD.dlast_sga field. This field is checked at the
beginning of a scatter/gather operation after major loop completion if TCD.e_sg is enabled. TCD.dlast_sga is not
on a 32 byte boundary.
1
SBE
Source Bus Error.
0 No source bus error.
1 The last recorded error was a bus error on a source read.
0
DBE
Destination Bus Error.
0 No destination bus error.
1 The last recorded error was a bus error on a destination write.
Table 12-6. DMAES Field Descriptions (Continued)
Field
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com