Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 288 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 288 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 284Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 285Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 286Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 291Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 288 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
210
Freescale Semiconductor
12.2.4.1.2
DMA Error Status (DMAES)
The DMAES register provides information concerning the last recorded channel error. Channel errors can
be caused by a configuration error (an illegal setting in the transfer control descriptor or an illegal priority
register setting in fixed arbitration mode) or an error termination to a bus master read or write cycle.
A configuration error is caused when the starting source or destination address, source or destination
offsets, minor loop byte count and the transfer size represent an inconsistent state. The addresses and
offsets must be aligned on 0-modulo-transfer_size boundaries, and the minor loop byte count must be a
multiple of the source and destination transfer sizes. All source reads and destination writes must be
configured to the natural boundary of the programmed transfer size respectively. In fixed arbitration mode,
a configuration error is caused by any two channel priorities being equal. All channel priority levels must
be unique when fixed arbitration mode is enabled. If a scatter/gather operation is enabled upon channel
completion, a configuration error is reported if the scatter/gather address (dlast_sga) is not aligned on a
Register address: DMA_Offset + 0x0000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
000000000000000
0
W
Reset
15
14
13
12
11
10
9876543210
R
0000000000000
W
Reset
= Unimplemented
Figure 12-2. DMA Control Register (DMACR)
Table 12-5. DMACR Field Descriptions
Field
Description
31–3
Reserved, should be cleared.
2
ERCA
Enable Round Robin Channel Arbitration.
0 Fixed priority arbitration is used for channel selection.
1 Round robin arbitration is used for channel selection.
1
EDBG
Enable Debug.
0 The assertion of the ipg_debug input is ignored.
1 The assertion of the ipg_debug input causes the DMA to stall the start of a new channel. Executing channels are
allowed to complete. Channel execution will resume when either the ipg_debug input is negated or the EDBG bit
is cleared.
0
EBW
Enable Buffered Writes.
0 The bufferable write signal (hprot[2]) is not asserted during AMBA AHB writes.
1 The bufferable write signal (hprot[2]) is asserted on all AMBA AHB writes except for the last write sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com