Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 291 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 291 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 288Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 289Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 290Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 291Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 292Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 293Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 294Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
213
the request enable for a single channel can easily be modified without the need to perform a
read-modify-write sequence to the DMAERQ{H,L} registers.
Both the DMA request input signal and this enable request flag must be asserted before a channel’s
hardware service request is accepted. The state of the DMA enable request flag does not affect a channel
service request made explicitly through software or a linked channel request. See Figure 12-4 and
Table 12-7 for the DMAERQ definition.
As a given channel completes the processing of its major iteration count, there is a flag in the transfer
control descriptor that may affect the ending state of the DMAERQ bit for that channel. If the TCD.d_req
Register address: DMA_Offset + 0x0008 (DMAERQH) + 0x000c (DMAERQL)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
0000000000000000
W
Reset
0000000000000000
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
R
0000000000000000
W
Reset
0000000000000000
15
14
13
12
11
10
9876543210
R
W
Reset
0000000000000000
Figure 12-4. DMA Enable Request (DMAERQH, DMAERQL) Register
Table 12-7. DMAERQH, DMAERQL field Descriptions
Field
Description
31–16
Reserved, should be cleared.
15–0
ERQn
n = 0,... 15
Enable DMA Request n.
0 The DMA request signal for channel n is disabled.
1 The DMA request signal for channel n is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com