Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC7200 Datasheet(PDF) 283 Page - Freescale Semiconductor, Inc

Part # MAC7200
Description  MAC7200 Microcontroller Family Reference Manual
PDF  976 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MAC7200 Datasheet(HTML) 283 Page - Freescale Semiconductor, Inc

Back Button MAC7200 Datasheet HTML 279Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 280Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 281Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 282Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 283Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 284Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 285Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 286Page - Freescale Semiconductor, Inc MAC7200 Datasheet HTML 287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 976 page
background image
The SPP DMA Controller Module (SPP_DMA2)
MAC7200 Microcontroller Family Reference Manual, Rev. 2
Freescale Semiconductor
205
break;
case 2:
/* 32-bit transfer */
dest_xfr_size = 4;
break;
case 3:
/* 64-bit transfer */
dest_xfr_size = 8;
break;
case 4:
/* 16-byte burst transfer */
dest_xfr_size = 16;
break;
case 5:
/* 32-byte burst transfer */
dest_xfr_size = 32;
break;
}
/* determine the larger of the two transfer sizes, this value reflects */
/* the number of bytes transferred per read->write sequence. */
/* number of iterations of the minor loop = nbytes / xfer_size */
if (dma_engine.ssize < dma_engine.dsize)
xfr_size = dest_xfer_size;
else
xfr_size = src_xfer_size;
/* process the source address, READ data into the buffer*/
/* read “xfr_size” bytes from the source */
/* if the ssize < dsize, do multiple reads to equal the dsize */
/* if the ssize => dsize, do a single read of source data */
number_of_source_reads = xfer_size / src_xfer_size;
for (number_of_source_reads) {
dma_engine.data = read_from_amba-ahb (dma_engine.saddr, src_xfr_size);
/* generate the next-state source address */
/* sum the current saddr with the signed source offset */
ns_addr = dma_engine.saddr + (int) dma_engine.soff; }
/* if enabled, apply the power-of-2 modulo to the next-state addr */
if (dma_engine.smod != 0)
address_select = (1 << dma_engine.smod) - 1; }
else
address_select = 0xffff_ffff;
dma_engine.saddr = ns_addr
&
address_select
| dma_engine.saddr & ~address_select; }
}
/* process the destination address, WRITE data from buffer */
/* write “xfr_size” bytes to the destination */
/* if the dsize < ssize, do multiple writes to equal the ssize */
/* if the dsize => ssize, do a single write of dest data */
number_of_dest_writes = xfer_size / dest_xfer_size;
for (number_of_dest_writes) {
write_to_amba-ahb (dma_engine.daddr, dest_xfr_size) = dma_engine.data;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com