Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS58C48IPFPR Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58C48IPFPR
Description  Quad Channel IF Receiver with SNRBoost 3G
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS58C48IPFPR Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADS58C48IPFPR Datasheet HTML 51Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 52Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 53Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 54Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 55Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 56Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 57Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 58Page - Texas Instruments ADS58C48IPFPR Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
ADS58C48
www.ti.com
SLAS689 – MAY 2010
GAIN FOR SFDR/SNR TRADE-OFF
ADS58C48 includes gain settings that can be used to get improved SFDR performance. The gain is
programmable from 0 dB to 6 dB (in 0.5 dB steps) using the <GAIN> register bits. For each gain setting, the
analog input full-scale range scales proportionally, as shown in Table 11.
The SFDR improvement is achieved at the expense of SNR; for each gain setting, the SNR degrades about 0.5
-1dB. The SNR degradation is less at high input frequencies. As a result, the fine gain is very useful at high input
frequencies as the SFDR improvement is significant with marginal degradation in SNR. So, the fine gain can be
used to trade-off between SFDR and SNR.
After a reset, the gain function is disabled. To use fine gain:
•
First, program the bits <DIGITAL MODE 1> and <DIGITAL MODE 2> as per the table above to enable the
gain function.
•
This enables gain and puts device in 0 dB gain mode.
•
For other gain settings, program the <GAIN> register bits.
Table 11. Full-Scale Range Across Gains
FULL-SCALE,
GAIN, dB
TYPE
VPP
0
Default after reset
2
1
1.78
2
1.59
3
1.42
Programmable gain
4
1.26
5
1.12
6
1.00
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Link(s) :ADS58C48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com