Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5616PHD Datasheet(PDF) 14 Page - Texas Instruments

Part # TAS5616PHD
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616PHD Datasheet(HTML) 14 Page - Texas Instruments

Back Button TAS5616PHD Datasheet HTML 10Page - Texas Instruments TAS5616PHD Datasheet HTML 11Page - Texas Instruments TAS5616PHD Datasheet HTML 12Page - Texas Instruments TAS5616PHD Datasheet HTML 13Page - Texas Instruments TAS5616PHD Datasheet HTML 14Page - Texas Instruments TAS5616PHD Datasheet HTML 15Page - Texas Instruments TAS5616PHD Datasheet HTML 16Page - Texas Instruments TAS5616PHD Datasheet HTML 17Page - Texas Instruments TAS5616PHD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
0
340
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
25 27 29 31 33 35 37 39 41 43 45 47 49
V
-SupplyVoltage-Vrms
CC
4 W
6 W
8 W
T =75°C
THD+Nat10%
C
0.005
10
0.01
0.02
0.1
0.2
1
2
20m
500
100m 200m
1
2
10
20
100 200
P
-OutputPower-W
O
4 W
6 W
T =75°C
C
8 W
0
360
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
10
120
20
30
40
50
60
70
80
90 100 110
T -CaseTemperature-°C
C
8 W
6 W
4 W
THD+Nat10%
TAS5616
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
www.ti.com
TYPICAL CHARACTERISTICS, PBTL CONFIGURATION
TOTAL HARMONIC DISTORTION
OUTPUT POWER
vs
vs
OUTPUT POWER
SUPPLY VOLTAGE
Figure 11.
Figure 12.
OUTPUT POWER
vs
CASE TEMPERATURE
Figure 13.
14
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com