Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5616PHD Datasheet(PDF) 25 Page - Texas Instruments

Part # TAS5616PHD
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616PHD Datasheet(HTML) 25 Page - Texas Instruments

Back Button TAS5616PHD Datasheet HTML 21Page - Texas Instruments TAS5616PHD Datasheet HTML 22Page - Texas Instruments TAS5616PHD Datasheet HTML 23Page - Texas Instruments TAS5616PHD Datasheet HTML 24Page - Texas Instruments TAS5616PHD Datasheet HTML 25Page - Texas Instruments TAS5616PHD Datasheet HTML 26Page - Texas Instruments TAS5616PHD Datasheet HTML 27Page - Texas Instruments TAS5616PHD Datasheet HTML 28Page - Texas Instruments TAS5616PHD Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
TAS5616
www.ti.com
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
Note B1: It is important to have a direct low impedance return path for high current back to the power supply. Keep
impedance low from top to bottom side of PCB through a lot of ground vias.
Note B2: Bootstrap low impedance X7R ceramic capacitors placed on bottom side providing a short low inductance
current loop.
Note B3: Return currents from bulk capacitors and output filter capacitors.
Figure 20. Printed Circuit Board - Bottom Layer
REVISION HISTORY
Changes from Original (June 2009) to Revision A
Page
•
Deleted Product Preview from the PHD package ................................................................................................................. 3
Changes from Revision A (September 2009) to Revision B
Page
•
NC pin function changed from "I/O" to "—" .......................................................................................................................... 5
•
OLPC typical value changed from 1.3 ms to 2.6 ms ............................................................................................................ 9
•
Changed error-reporting bits from 010 to 011 .................................................................................................................... 22
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com