Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAS5616PHD Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS5616PHD
Description  160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5616PHD Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS5616PHD Datasheet HTML 11Page - Texas Instruments TAS5616PHD Datasheet HTML 12Page - Texas Instruments TAS5616PHD Datasheet HTML 13Page - Texas Instruments TAS5616PHD Datasheet HTML 14Page - Texas Instruments TAS5616PHD Datasheet HTML 15Page - Texas Instruments TAS5616PHD Datasheet HTML 16Page - Texas Instruments TAS5616PHD Datasheet HTML 17Page - Texas Instruments TAS5616PHD Datasheet HTML 18Page - Texas Instruments TAS5616PHD Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
TAS5616
www.ti.com
SLAS596B – JUNE 2009 – REVISED JANUARY 2010
APPLICATION INFORMATION
PCB Material Recommendation
FR-4 Glass Epoxy material with 2 oz. (70 mm) is recommended for use with the TAS5616. The use of this
material can provide for higher power output, improved thermal performance, and better EMI margin (due to
lower PCB trace inductance.
PVDD Capacitor Recommendation
The large capacitors used in conjunction with each full-bridge, are referred to as the PVDD Capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well designed system power supply, 1000mF, 63V will support more
applications. The PVDD capacitors should be low ESR type because they are used in a circuit associated with
high-speed switching.
Decoupling Capacitor Recommendations
In order to design an amplifier that has robust performance, passes regulatory requirements, and exhibits good
audio performance, good quality decoupling capacitors should be used. In practice, X7R should be used in this
application.
The voltage of the decoupling capacitors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the 0.1mF that is placed on the power supply to each half-bridge. It must withstand the voltage
overshoot of the PWM switching, the heat generated by the amplifier during high power output, and the ripple
current created by high power output. A minimum voltage rating of 63V is required for use with a 50V power
supply.
System Design Recommendations
The following schematics and PCB layouts illustrate best practices in the use of the TAS5616.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s) :TAS5616



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com