Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 9 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 9 Page - Sames

Back Button SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames SA9102F Datasheet HTML 10Page - Sames SA9102F Datasheet HTML 11Page - Sames SA9102F Datasheet HTML 12Page - Sames SA9102F Datasheet HTML 13Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SA9102F/SA9102H
sames
9/14
Parts List for Application Circuit: Figure 1
Item
Symbol
Description
Detail
1
IC-1
SA9102F/SA9102H
DIP-20/SOIC-20
2
D1
Diode, Silicon, 1N4148
3
D2
Diode, Silicon, 1N4148
4
ZD1
Diode, Zener, 2.4V, 200mW
5
ZD2
Diode, Zener, 2.4V, 200mW
6
XTAL
Crystal, 3.5795MHz
Colour burst TV
7
R1
Resistor, 1% metal
Note 1
8
R2
Resistor, 1% metal
Note 1
9
R3
Resistor, 390k, (230VAC) 1%, metal
10
R4
Resistor, 1M, 1/4W, 1%, metal
11
R5
Resistor, 470
Ω, 2W, 1%, carbon
12
R6
Resistor, 24k, 1/4W, 1%, metal
13
R7
Resistor, 24k, 1/4W, 1%, metal
14
R9
Resistor, 680
Ω, 1/4W, 1%
15
R10
Resistor, 680
Ω, 1/4W, 1%
16
C1
Capacitor, 560pF
17
C2
Capacitor, 560pF
18
C3
Capacitor, 3.3nF
19
C4
Capacitor, 3.3nF
20
C9
Capacitor, 100nF
21
C10
Capacitor, 100nF
22
C11
Capacitor, 0.47µF, 250VAC, polyester
23
C13
Capacitor, 100µF
24
C14
Capacitor, 100µF
25
C15
Capacitor, 820nF
Note 2
26
RSH
Shunt Resistor
Note 3
Note 1: Resistor (R1 and R2) values are dependant upon the selected value of RSH.
Note 2: Capacitor (C15) to be positioned as close to Supply Pins (V
DD & VSS) of IC-1 as
possible.
Note 3: See TYPICAL APPLICATIONS when selecting the value of RSH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com