Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 4 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 4 Page - Sames

  SA9102F Datasheet HTML 1Page - Sames SA9102F Datasheet HTML 2Page - Sames SA9102F Datasheet HTML 3Page - Sames SA9102F Datasheet HTML 4Page - Sames SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SA9102F/SA9102H
4/14
sames
PIN DESCRIPTION
Pin
Designation
Description
20
GND
Ground
8
V
DD
Positive Supply Voltage
14
V
SS
Negative Supply Voltage
19
IVP
Analog input for Voltage
1
IIN
Inputs for current sensor
2
IIP
11
OSC1
Connections for crystal or ceramic resonator
10
OSC2
(OSC1 = Input ; OSC2 = Output)
12
FOUT
Pulse rate output
13
DIR
Direction indication output
4
CPON
Connections for outer loop capacitor of
5
CPOP
A/D converter (Voltage)
6
CPIN
Connections for inner loop capacitor of
7
CPIP
A/D converter (Voltage)
15
CIP
Connections for inner loop capacitor of
16
CIN
A/D converter (Current)
17
COP
Connections for outer loop capacitor of
18
CON
A/D converter (Current)
3
VREF
Connection for current setting resistor
9
TP9
Test Pin. Connect to V
SS
FUNCTIONAL DESCRIPTION
The SA9102F/SA9102H are CMOS mixed signal Analog/Digital integrated circuits, which
perform bidirectional power/energy calculations across a power range of 1000:1, to an
overall accurancy of better than Class 1.
These integrated circuits includes all the required functions such as two oversampling
A/D converters for the voltage and current sense inputs, power calculation and energy
integration. Internal offsets are eliminated through the use of cancellation procedures.
These devices generate pulses, the frequency of which is proportional to the power
consumption. The pulse rate follows the instataneous power measured. Direction
information is also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com