Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA9102F Datasheet(PDF) 5 Page - Sames

Part # SA9102F
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMES [Sames]
Direct Link  http://www.sames.co.za
Logo SAMES - Sames

SA9102F Datasheet(HTML) 5 Page - Sames

  SA9102F Datasheet HTML 1Page - Sames SA9102F Datasheet HTML 2Page - Sames SA9102F Datasheet HTML 3Page - Sames SA9102F Datasheet HTML 4Page - Sames SA9102F Datasheet HTML 5Page - Sames SA9102F Datasheet HTML 6Page - Sames SA9102F Datasheet HTML 7Page - Sames SA9102F Datasheet HTML 8Page - Sames SA9102F Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SA9102F/SA9102H
sames
5/14
1.
Power calculation
In the Application Circuit (Figure 1), the voltage drop across the shunt will be
between 0 and 16mV (0 to 80A through a shunt resistor of 200µ
Ω). This voltage is
converted to a current of between 0 and 16µA, by means of resistors R
1 and R2.
The current sense input saturates at an input current of ±25µA peak.
For the voltage sensor input, the mains voltage (230VAC) is divided down through
a divider to 14V. The current into the A/D converter input is set at 14µA at nominal
mains voltage, via resistor R4 (1M
Ω).
In this configuration, with a mains voltage of 230V and a current of 80A, the output
frequency of the SA9102F and SA9102H power meter chips at FOUT (Pin 12) is
64Hz. In this case 1 pulse will correspond to an energy consumption of 18.4kW/
64Hz = 287.5Ws.
2.
Analog Input configuration
The input circuitry of the current and voltage sensor inputs are illustrated below.
These inputs are protected against electrostatic discharge through clamping
diodes.
The feedback loops from the outputs of the amplifiers A
I and AV generate virtual
shorts on the signal inputs. Exact duplications of the input currents are generated
for the analog signal processing circuitry.
VOLTAGE
SENSOR
INPUT
DR-00908
IVP
SS
V
CURRENT
SENSOR
INPUTS
IIP
IIN
DD
SS
V
V
SS
V
DD
V
DD
V
GND
A V
A I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com